Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2142 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2142
Description  Micropower Boost Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2142 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2142 Datasheet HTML 1Page - Micrel Semiconductor MIC2142 Datasheet HTML 2Page - Micrel Semiconductor MIC2142 Datasheet HTML 3Page - Micrel Semiconductor MIC2142 Datasheet HTML 4Page - Micrel Semiconductor MIC2142 Datasheet HTML 5Page - Micrel Semiconductor MIC2142 Datasheet HTML 6Page - Micrel Semiconductor MIC2142 Datasheet HTML 7Page - Micrel Semiconductor MIC2142 Datasheet HTML 8Page - Micrel Semiconductor MIC2142 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel, Inc.
MIC2142
October 2007
4
M9999-102507
Typical Characteristics
0
50
100
150
200
250
300
350
0
2
4
6
8 10 121416
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
V
OUT = 5V
14
14.5
15
15.5
16
16.5
2468
10
12
14
INPUT VOLTAGE (V)
Line Regulation
I
L = 2mA
L = 220
µH
I
L
= 7mA
L = 22 H
0
200
400
600
800
1000
1200
0246 8
10 12 14
INPUT VOLTAGE (V)
Output Ripple
vs. Input Voltage
I
L = 7mA
L = 22 H
V
OUT = 15V
I
L = 2mA
L = 220
µH
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
OUTPUT CURRENT (mA)
MIC2142 Load
Regulation
V
REF
V
OUT
L = 22
µH
V
IN = 5V
0
50
100
150
200
250
300
350
024
6
8
10 12 14
INPUT VOLTAGE (V)
Oscillator Characteristics
vs. Input Voltage
Duty Cycle
Frequency
0.40
0.45
0.50
0.55
0.60
0.65
V
O = 15V
I
O = 100µA
L= 220
µH
70
72
74
76
78
80
82
84
-50 -30 -10 10 30 50 70 90 110
TEMPERATURE (
°C)
Quiescent Current
vs. Temperature
V
IN = 3.6V
295
300
305
310
315
320
325
330
335
340
-50 -30 -10 10 30 50 70 90 110
TEMPERATURE (
°C)
Frequency vs.
Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-50 -30 -10 10 30 50 70 90 110
TEMPERATURE (
°C)
Timing Characteristics
Over Temperature
T (
µsec)
t
ON (µsec)
Duty Cycle


Similar Part No. - MIC2142

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2142 MICREL-MIC2142 Datasheet
137Kb / 17P
   Micropower Boost Converter
MIC2142BM5 MICREL-MIC2142BM5 Datasheet
137Kb / 17P
   Micropower Boost Converter
More results

Similar Description - MIC2142

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2142 MICREL-MIC2142 Datasheet
137Kb / 17P
   Micropower Boost Converter
MIC2141 MICREL-MIC2141_06 Datasheet
848Kb / 16P
   Micropower Boost Converter
logo
Linear Technology
LTC3459 LINER-LTC3459_15 Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
logo
Linear Technology
LTC3459 LINER-LTC3459_07 Datasheet
220Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
logo
Micrel Semiconductor
MIC2141 MICREL-MIC2141 Datasheet
154Kb / 16P
   Micropower Boost Converter Preliminary Information
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
   50V, Micropower, DC-DC Boost Converter
AS1340 AMSCO-AS1340_04 Datasheet
414Kb / 17P
   50V, Micropower, DC-DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com