Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHB150 Datasheet(PDF) 2 Page - CUI INC

Part # VHB150
Description  Half Brick DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB150 Datasheet(HTML) 2 Page - CUI INC

  VHB150 Datasheet HTML 1Page - CUI INC VHB150 Datasheet HTML 2Page - CUI INC VHB150 Datasheet HTML 3Page - CUI INC VHB150 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/ 4
Rev. 09-2007
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VHB150 Half Brick DC-DC Converter
NOTES:
1. Measured from High Line to Low Line
2. Measured from Full Load to Zero Load
3. Logic Compatibility: Open Collector ref to -Input
Module ON: Open Circuit
Module OFF: < 0.8VDC
4. Suffix “N” to the Model Number with Negative Logic Remote ON/OFF
Input
Input Voltage Range
48V
36-75V
Under Voltage Lockout
48Vin power up
34V
48Vin power down
32.5V
Positive Logic Remote ON/OFF3,4
Input Filter
PI Type
Output
Voltage Accuracy
±1% max.
Transient Response:
25% Step Load Change
<500μ sec.
External Trim Adj. Range
±10%
Ripple & Noise
20MHz BW, 2.5V, 3.3V, 5V
40mV RMS., max
100mV pk-pk, max
12V& 15V
60mV RMS., max
150mV pk-pk, max
24V
100mV RMS., max
240mV pk-pk, max.
Temperature Coefficient
±0.03%/°C
Short Circuit Protection
Continuous
Line Regulation1
±0.2% max
Load Regulation2
±0.2% max
Over Voltage Protection trip Range, % Vo nom.
115-140%
Current Limit
110-140%
Nominal Output
General Specifications
Efficiency
see table
Isolation Voltage
Input/Output
1500VDC min.
Input/Case
1500VDC min.
Output/Case
1500VDC min.
Isolation Resistance
107 Ohm min.
Switching Frequency
500KHz, Typ.
Operating Case Temperature
-40°C to 100°C
Storage Temperature
-40°C to 105°C
Thermal Shutdown, Case Temp.
100°C Typ.
Dimensions
2.28x2.40x0.50 inches
57.9x61.0x12.7mm
Case Material
aluminum


Similar Part No. - VHB150

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB150R CUI-VHB150R Datasheet
223Kb / 4P
   DC-DC CONVERTER
VHB150R-T110-S12 CUI-VHB150R-T110-S12 Datasheet
223Kb / 4P
   DC-DC CONVERTER
VHB150R-T110-S24 CUI-VHB150R-T110-S24 Datasheet
223Kb / 4P
   DC-DC CONVERTER
VHB150R-T110-S5 CUI-VHB150R-T110-S5 Datasheet
223Kb / 4P
   DC-DC CONVERTER
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
More results

Similar Description - VHB150

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com