Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB10NC50-1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB10NC50-1
Description  N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10NC50-1 Datasheet(HTML) 5 Page - STMicroelectronics

  STB10NC50-1 Datasheet HTML 1Page - STMicroelectronics STB10NC50-1 Datasheet HTML 2Page - STMicroelectronics STB10NC50-1 Datasheet HTML 3Page - STMicroelectronics STB10NC50-1 Datasheet HTML 4Page - STMicroelectronics STB10NC50-1 Datasheet HTML 5Page - STMicroelectronics STB10NC50-1 Datasheet HTML 6Page - STMicroelectronics STB10NC50-1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.3
4.6
0.169
0.181
A1
2.49
2.69
0.098
0.106
B
0.7
0.93
0.027
0.036
B1
1.2
1.38
0.047
0.054
B2
1.25
1.4
0.049
0.055
C
0.45
0.6
0.017
0.023
C2
1.21
1.36
0.047
0.053
D
8.95
9.35
0.352
0.368
e
2.44
2.64
0.096
0.104
E
10
10.28
0.393
0.404
L
13.2
13.5
0.519
0.531
L1
3.48
3.78
0.137
0.149
L2
1.27
1.4
0.050
0.055
L
L1
D
L2
P011P5/C
TO-262 (I2PAK) MECHANICAL DATA
STB10NC50 -1
5/7


Similar Part No. - STB10NC50-1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STB10NC50-1 VBSEMI-STB10NC50-1 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - STB10NC50-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6NB50 STMICROELECTRONICS-STB6NB50 Datasheet
92Kb / 9P
   N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
   N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?줚I MOSFET
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
   N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
STB3NB60 STMICROELECTRONICS-STB3NB60 Datasheet
90Kb / 9P
   N - CHANNEL 600V - 3.3ohm - 3.3A - D2PAK/I2PAK PowerMESH MOSFET
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
   N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
STB4NB50 STMICROELECTRONICS-STB4NB50 Datasheet
64Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3.8A - D2PAK/I2PAK PowerMESHO MOSFET
STB9NC60 STMICROELECTRONICS-STB9NC60 Datasheet
461Kb / 10P
   N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com