Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPOL15A-5-SMT Datasheet(PDF) 3 Page - CUI INC

Part # VPOL15A-5-SMT
Description  point of load converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPOL15A-5-SMT Datasheet(HTML) 3 Page - CUI INC

  VPOL15A-5-SMT Datasheet HTML 1Page - CUI INC VPOL15A-5-SMT Datasheet HTML 2Page - CUI INC VPOL15A-5-SMT Datasheet HTML 3Page - CUI INC VPOL15A-5-SMT Datasheet HTML 4Page - CUI INC VPOL15A-5-SMT Datasheet HTML 5Page - CUI INC VPOL15A-5-SMT Datasheet HTML 6Page - CUI INC VPOL15A-5-SMT Datasheet HTML 7Page - CUI INC VPOL15A-5-SMT Datasheet HTML 8Page - CUI INC VPOL15A-5-SMT Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
rev.
page
date
DESCRIPTION:
point of load converter
3 of 11
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VPOL15A-5-SMT
4. Technical Specifications
(All specifications are typical at nominal input, full load at 25°Cunless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typical Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
ALL
0
5.8
Vdc
Operating Temp erature
See Thermal Considerations Section
ALL
-40
+85
°C
Storage Temperature
ALL
-55
+125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
Vo=2.7V
Vo=3.0V
ALL
3.0
4.5
5.0
5.0
5.5
5.5
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
ALL
2.8
Vdc
Turn-Off Voltage Threshold
ALL
2.7
Vdc
Lockout Hysteresis Voltage
ALL
0.1
Vdc
Maximum Input Current
Vin=3.0 to 5.5Vdc , Io=Io,max.
ALL
15.5
A
No-Load Input Current
Vo=1.0V
Vo=1.2V
Vo=1.5V
Vo=1.8V
Vo=2.0V
Vo=2.5V
Vo=3.3V
ALL
60
60
60
70
70
70
70
mA
Off Converter Input Current
Shutdown input idle current
ALL
5
10
mA
Inrush Current (I
2t)
ALL
0.4
A
2s
Input Reflected-Ripple Current
P-P thru 1uH inductor, 5Hz to 20MHz
ALL
150
mA
OUTPUT CHARACTERISTIC
Output Voltage Set Point
Vin=Nominal Vin , Io=Io.max, Tc=25°C
ALL
-1.5% Vo,set +1.5%
Vdc
Output Voltage Trim Adjustment Range
Selected by an external resistor
ALL
0.9
3.63
Vdc
Output Voltage Regulation
Load Regulation
Io=Io.min to Io.max
ALL
-0.5
+0.5
%
Line Regulation
Vin=low line to high line
VPOL15A-5-
SMT
-0.2
-0.4
+0.2
+0.4
%
Tempera ture Coefficient
Ta=-40°C to 85°C
ALL
±0.03
%/°C
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1uF ceramic and 10uF tantalum
ALL
50
mV
RMS
Full Load, 1uF ceramic and 10uF tantalum
ALL
20
mV
External Capacitive Load
Low ESR
ALL
10000
uF
Operating Output Current Range
ALL
0
15
A
Output DC Current-Limit Inception
Output Voltage =90% Nominal Output Voltage
ALL
18
22
28
A
Shout Circuit Protection
Continuous with Hiccup Mode


Similar Part No. - VPOL15A-5-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL15A-5-SIP CUI-VPOL15A-5-SIP Datasheet
268Kb / 12P
   point of load converter
More results

Similar Description - VPOL15A-5-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
   point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
   point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
   point of load converter
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
10/14/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP Datasheet
449Kb / 10P
   point of load converter
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
   point of load converter
VPOL10A-12W-SMT CUI-VPOL10A-12W-SMT Datasheet
656Kb / 14P
   point of load converter
VPOL15A-5-SIP CUI-VPOL15A-5-SIP Datasheet
268Kb / 12P
   point of load converter
VPOL16A-12-SMT CUI-VPOL16A-12-SMT Datasheet
267Kb / 12P
   point of load converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com