Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPOL5A-12-SMT Datasheet(PDF) 4 Page - CUI INC

Part # VPOL5A-12-SMT
Description  point of load converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPOL5A-12-SMT Datasheet(HTML) 4 Page - CUI INC

  VPOL5A-12-SMT Datasheet HTML 1Page - CUI INC VPOL5A-12-SMT Datasheet HTML 2Page - CUI INC VPOL5A-12-SMT Datasheet HTML 3Page - CUI INC VPOL5A-12-SMT Datasheet HTML 4Page - CUI INC VPOL5A-12-SMT Datasheet HTML 5Page - CUI INC VPOL5A-12-SMT Datasheet HTML 6Page - CUI INC VPOL5A-12-SMT Datasheet HTML 7Page - CUI INC VPOL5A-12-SMT Datasheet HTML 8Page - CUI INC VPOL5A-12-SMT Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
rev.
page
date
DESCRIPTION:
point of load converter
4 of 12
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VPOL5A-12-SMT
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typical Max.
Units
DYNAMIC CHARACTERISTICS
Output Voltage Transient Response
Error Brand
50% Step Load Change, di/dt=0.1A/us
ALL
200
mV
Setting Time (within 1% Vout nominal)
50% Step Load Change, di/dt=0.1A/us
ALL
200
us
EFFICIENCY
100% Load
Vo=0.75V
Vo=1.2V
Vo=1.5V
Vo=1.8V
Vo=2.0V
Vo=2.5V
Vo=3.3V
Vo=5.0V
ALL
73
80
82
84
85
87
89
92
%
ISOLATION CHARACTERISTICS
Input to Output
Non-isolation
ALL
0
Vdc
FEATURE CHARACTERISTICS
Switching Frequency
ALL
300
KHz
ON/OFF Control, Positive Logic Remote On/Off
Logic Low (Module Off)
Logic High (Module On)
or Open Circuit
Standard Model
0
Vin
0.4
Vdc
Vdc
ON/OFF Control, Negative Logic Remote On/Off
Logic Low (Module On)
Logic High (Module Off)
or Open Circuit
Suffix “N” Model
0
2.8
0.4
Vin
Vdc
Vdc
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
ALL
1
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=14V
ALL
1
mA
Turn-On Delay and Rise Time
Turn-On Delay Time, From On/Off Control
Von/off to 10%Vo,set
ALL
3.5
ms
Turn-On Delay Time, From Input
Vin,min. to 10%Vo,set
ALL
3.5
ms
Output Voltage Rise Time
10%Vo,set to 90%Vo,set
ALL
3.5
ms
Over Temperature Protection
ALL
120
°C
GENERAL SPECIFICATIONS
MTBF
Io=100%of Io.max;Ta=2 5°C per MIL-HDBK-
217F
ALL
1.5
M hours
Weight
ALL
2.3
grams
Dimensions
SMT packages
0.8x0.45x0.24 inches(20.3x11.43x6.09 mm)


Similar Part No. - VPOL5A-12-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-12-SMT CUI-VPOL5A-12-SMT Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
11/02/2021
More results

Similar Description - VPOL5A-12-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
   point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
   point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
   point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
   point of load converter
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
10/14/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP Datasheet
449Kb / 10P
   point of load converter
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
   point of load converter
VPOL10A-12W-SMT CUI-VPOL10A-12W-SMT Datasheet
656Kb / 14P
   point of load converter
VPOL15A-5-SIP CUI-VPOL15A-5-SIP Datasheet
268Kb / 12P
   point of load converter
VPOL16A-12-SMT CUI-VPOL16A-12-SMT Datasheet
267Kb / 12P
   point of load converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com