Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBC20A48CT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VBC20A48CT
Description  14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VBC20A48CT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VBC20A48CT Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
Pin 1:
Control Voltage (Vc)
Pin 8:
Output
Pin 1:
Control Voltage (Vc)
Pin 5:
Output
Pin 7:
Case Ground
Pin 14: Supply Voltage
Pin 4:
Case Ground
Pin 8:
Supply Voltage
VAC, VBC Series
14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
ELECTRICAL SPECIFICATIONS
Revision: 1997-C
Frequency Range (Full Size / 14 Pin Dip)
1.500MHz to 200.000MHz
Frequency Range (Half Size / 8 Pin Dip)
1.000MHz to 40.000MHz
Operating Temperature Range
0°C to 70°C / -20°C to 70°C / -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Supply Voltage
5.0Vdc ±5%, 3.3Vdc ±5%
Aging (at 25°C)
±5ppm / year Maximum
Load Drive Capability
10TTL Load or 15pF HCMOS Load Maximum
Start Up Time
10mSeconds Maximum
Linearity
±20%
Input Current
1.000MHz to 20.000MHz
20.001MHz to 30.000MHz
30.001MHz to 2000.000MHz
20mA Maximum
40mA Maximum
60mA Maximum
One Sigma Clock Jitter
<40.000MHz / ±25pSeconds Maximum
>40.000MHz / ±50pSeconds Maximum
Absolute Clock Jitter
< 40.000MHz / ±100pSeconds Maximum
>40.000MHz / ±200pSeconds Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply
Voltage and Load
±100ppm, ±50ppm, ±25ppm, ±20ppm, ±15ppm
(20ppm and 15ppm= 0°C to 70°C Only)
Output Voltage Logic High (Voh)
w/TTL Load
w/HCMOS Load
2.4Vdc Minimum
Vdd –0.5Vdc Minimum
Output Voltage Logic Low (Vol)
w/TTL Load
w/HCMOS Load
0.4Vdc Maximum
0.5Vdc Maximum
Rise Time / Fall Time
0.4Vdc to 2.4Vdc w/TTL Load; 20% to 80% of
Waveform w/HCMOS Load
5nSeconds Maximum
Duty Cycle
@1.4Vdc w/TTL Load; @50% w/HCMOS Load
@1.4Vdc w/TTL Load or w/HCMOS Load
50 ±10% (Standard)
50±5% (Optional)
Frequency Deviation Over Control Voltage
A=±50ppm Min. / B=±100ppm Min. / C=±150ppm Min. / D=±200ppm Min. / E=±300ppm Min. /
F=±500ppm Min.
Pin 1 Control Voltage (Positive Transfer Characteristic)
2.5Vdc ±2.0Vdc
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
VAC 100 A 48 F T - 155.520MHz
Package
VAC = 14 Pin Dip / HCMOS-TTL / VCXO
VBC =
8 Pin Dip / HCMOS-TTL / VCXO
Inclusive Tolerance/Stability
100= +/-100ppm, 50= +/-50ppm, 25= +/-25ppm,
20= +/-20ppm, 15=±15ppm
Operating Temperature Range
Blank = 0°C to 70°C, 27 = -20°C to 70°C, 48 = -40°C to 85°C
Frequency Deviation (Over Controll Voltage
A=±50ppm / B=±100ppm / C=±150ppm / D=±200ppm /
E=±300ppm / F=±500ppm
Duty Cycle
Blank=40-60% / T=45-55%
Supply Voltage
Blank=5.0Vdc ±5% / A=3.3Vdc ±5%
13.2
MAX
7.620
±0.203
0.457
±01
(X4)
5.6
MAX
0.8 ±0.1
(X3)
Insulated Standoffs
13.2
MAX
7.620
±0.203
5.08
MIN
8
1
5
4
All Dimensions in mm.
8 Pin Half Size
20.8
MAX
13.2
MAX
15.240
±0.203
7.620
±.203
0.457
±0.1 (X4)
5.08
MAX
0.9
MAX
Insulated Standoffs
(Glass)
5.08
MIN
1
7
8
14
All Dimensions in mm.
14 Pin Full Size
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Similar Part No. - VBC20A48CT

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
VBC20A48CT CALIBER-VBC20A48CT Datasheet
105Kb / 1P
   14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
More results

Similar Description - VBC20A48CT

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
VAC31 CALIBER-VAC31 Datasheet
106Kb / 1P
   14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
VAC CALIBER-VAC Datasheet
105Kb / 1P
   14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
logo
List of Unclassifed Man...
VAC3110048ATABA ETC2-VAC3110048ATABA Datasheet
101Kb / 1P
   14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
SVG-25C273ABT ETC2-SVG-25C273ABT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
Caliber Electronics Inc...
SVG-10A483AAT CALIBER-SVG-10A483AAT Datasheet
58Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
Crystek Corporation
CCO-014014S CRYSTEKCRYSTAL-CCO-014014S Datasheet
116Kb / 1P
   8 & 14 Pin Dip, 5V, HCMOS/TTL Clock Oscillator
logo
MTRONPTI
MVH MTRONPTI-MVH Datasheet
256Kb / 1P
   8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
MVH MTRONPTI-MVH_07 Datasheet
303Kb / 1P
   8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
logo
MMD Components
MVAH MMD-MVAH Datasheet
94Kb / 1P
   14 Pin DIP HCMOS VCXO
logo
Connor-Winfield Corpora...
HV54I-100 CONNOR-WINFIELD-HV54I-100 Datasheet
210Kb / 2P
   14 PIN 5.0V HCMOS VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com