Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST95040WB3TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST95040WB3TR
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95040WB3TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST95040WB3TR Datasheet HTML 6Page - STMicroelectronics ST95040WB3TR Datasheet HTML 7Page - STMicroelectronics ST95040WB3TR Datasheet HTML 8Page - STMicroelectronics ST95040WB3TR Datasheet HTML 9Page - STMicroelectronics ST95040WB3TR Datasheet HTML 10Page - STMicroelectronics ST95040WB3TR Datasheet HTML 11Page - STMicroelectronics ST95040WB3TR Datasheet HTML 12Page - STMicroelectronics ST95040WB3TR Datasheet HTML 13Page - STMicroelectronics ST95040WB3TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DATA PROTECTION AND PROTOCOL SAFETY
– All inputs are protected against noise, see Table
6.
– Non valid S and HOLD transitions are not taken
into account.
– S must come high at the proper clock count in
order to start a non-volatile write cycle (in the
memory array or in the status register), that is
the Chip Select S mustrise during the clock pulse
following the introduction of a multiple of 8 bits.
– Access to the memory array during non-volatile
programming cycle is ignored; however, the pro-
gramming cycle continues.
– After any of the operations WREN, WRDI, RDSR
is completed, the chip enters a wait state and
waits for a deselect.
– The write enable latch is reset upon power-up.
– The write enable latch is reset when W is brought
low.
INITIAL DELIVERY STATE
The device is delivered with the memory array in a
fully erased state (all data set at all ”1’s” or FFh).
The block protect bits are initialized to 00.
AI01446
MASTER
ST95xxx
D
Q
C
CQ
D
S
ST95xxx
CQ
D
S
ST95xxx
CQ
D
S
CS3
CS2
CS1
Figure 12. EEPROM and SPI Bus
10/18
ST95040, ST95020, ST95010


Similar Part No. - ST95040WB3TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST950-30L2MI VISHAY-ST950-30L2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST95022 STMICROELECTRONICS-ST95022 Datasheet
113Kb / 16P
   2 Kbit Serial SPI EEPROM with High Speed Clock
ST95022M3TR STMICROELECTRONICS-ST95022M3TR Datasheet
113Kb / 16P
   2 Kbit Serial SPI EEPROM with High Speed Clock
More results

Similar Description - ST95040WB3TR

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
STMicroelectronics
ST95P08 STMICROELECTRONICS-ST95P08 Datasheet
119Kb / 16P
   8 Kbit Serial SPI EEPROM with Positive Clock Strobe
February 1999
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com