Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFSD2-S5-S9-DIP Datasheet(PDF) 3 Page - CUI INC

Part # VFSD2-S5-S9-DIP
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFSD2-S5-S9-DIP Datasheet(HTML) 3 Page - CUI INC

  VFSD2-S5-S9-DIP Datasheet HTML 1Page - CUI INC VFSD2-S5-S9-DIP Datasheet HTML 2Page - CUI INC VFSD2-S5-S9-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 / 3
Rev. 06-2006
VFSD2-DIP Series DC-DC Converter
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Application Notes:
- Input filtering
To reduce the reflected ripple current and minimize
EMI, especially when the converter input is more
than 2” away from the DC source, it is recommended
to connect a low ESR electrolytic capacitor between
Vin and Gnd. The values suggested are as shown in
Table 1. If additional filtering is required, the
capacitance may be increased, or expanded to an LC
network as shown in Figure 1.
Input Voltage
External Input Capacitance
4.7 µF
5 V
12 V
2.2 µF
24 V
1.0 µF
Table 1
- Output filtering
An output capacitor is needed to meet output ripple
requirements as shown in Table 2.
Output capacitance may be increased for additional
filtering, but should not exeed 10µF or expanded to
an LC network as in Figure 1.
Vout
External Ouput Capacitance
4.7 µF
5 V
9 V
2.2 µF
12 V
1.0 µF
15 V
0.47 µF
Table 2
<Figure 1>
+Vin
-Vin
+Vout
-Vout
DC
C
L
L
DC
C
+Vin
-Vin
+Vin
-Vin
REG
+Vout
-Vout
-Vout
+Vout
DC DC
DC DC
REG
- Minimum loading
The converter needs a minimum of 10% loading to
maintain output regulation. Operation under no-load
conditions will not cause immediate damages but
may reduce reliability, and cause performance not to
meet specifications.
- Regulation
With a semi-regulated design, the converter’s output
voltage varies with load current and will change
proportionally to the input voltage. If regulated
output is needed, an external regulator can be used
as shown in Figure 2.
- Protection
The converter has minimal protection against input
over-voltage or output over-load, and may be
permanently damaged if exposed to these conditions.
An input clamping device can be used for input
voltage limiting. An input fuse or an output fuse
can also be used to protect against over-loading.
- External Regulator
An external 3-terminal regulator can be connected
to the output of the converter to achieve full
regulation. Make sure the converter’s output voltage
provides sufficient head room for the regulator. An
additional benefit is that the built-in protection
features in the regulator, such as OCP, OTP, etc, will
protect the converter also. In a complimentory
supply, a negative output regulator must be used to
achieve the negative regulated output.


Similar Part No. - VFSD2-S5-S9-DIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFSD2-S5-S9-SIP CUI-VFSD2-S5-S9-SIP Datasheet
246Kb / 3P
   DC-DC Converter
More results

Similar Description - VFSD2-S5-S9-DIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com