Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E31F4D3A1C-155.520M Datasheet(PDF) 7 Page - Ecliptek Corporation

Part # E31F4D3A1C-155.520M
Description  OSCILLATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E31F4D3A1C-155.520M Datasheet(HTML) 7 Page - Ecliptek Corporation

  E31F4D3A1C-155.520M Datasheet HTML 1Page - Ecliptek Corporation E31F4D3A1C-155.520M Datasheet HTML 2Page - Ecliptek Corporation E31F4D3A1C-155.520M Datasheet HTML 3Page - Ecliptek Corporation E31F4D3A1C-155.520M Datasheet HTML 4Page - Ecliptek Corporation E31F4D3A1C-155.520M Datasheet HTML 5Page - Ecliptek Corporation E31F4D3A1C-155.520M Datasheet HTML 6Page - Ecliptek Corporation E31F4D3A1C-155.520M Datasheet HTML 7Page - Ecliptek Corporation E31F4D3A1C-155.520M Datasheet HTML 8Page - Ecliptek Corporation E31F4D3A1C-155.520M Datasheet HTML 9Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ECLIPTEK CORP.
OSCILLATOR
E31F4
14 pin DIP
5.0V
OS88
01/03
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
E31F4 F 3 A 2 C - 155.520M - CL125
PART NUMBERING GUIDE
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
Characteristic
Specification
Seal Integrity
Bubble test in Perfluorocarbon at +125°C ±5°C for 60 seconds
minimum.
Solderability
Sn63 Solder dip at +230°C ±5°C for 5 seconds/95% coverage.
Marking Permanency
10 Strokes with brush after 1 minute soak in solvent, 3 times.
Shock
Random drop on hard wooden plate 3 times from a height
of 20cm.
Vibration
Frequency with an amplitude of 1.5mm sweeping between 10Hz
to 55Hz within 1 minute (approximately) for 2 hours minimum on
each axis (X, Y and Z) for a total of 6 hours.
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS
Line 1: ECLIPTEK
Line 2: XX.XXX M
Frequency in MHz
(5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
800-ECLIPTEK www.ecliptek.com for latest revision
105 Specifications subject to change without notice.
AVAILABLE OPTIONS
Blank=None (Standard)
CLXXX=Custom Lead Length (See Page 153)
G=Full Size Gull Wing (See Page 152)
FREQUENCY
ADDITIONAL OUTPUT
A=No Connect
C=Complementary Output
DUTY CYCLE
1=50 ±10(%)
2=50 ±5(%)
FREQUENCY TOLERANCE & STABILITY/
OPERATING TEMPERATURE RANGE
D=±50ppm Maximum over 0°C to +70°C
E=±25ppm Maximum over 0°C to +70°C
F=±20ppm Maximum over 0°C to +70°C
H=±50ppm Maximum over -40°C to +85°C
APR
3=±50ppm Minimum
LINEARITY
A=20%
B=15%
C=10%
Pin 1: Voltage Control
Pin 7: Case Ground
Pin 8: Output
Pin 9: Complementary Output or No Connect
Pin 14: Supply Voltage
OBSOLETE


Similar Part No. - E31F4D3A1C-155.520M

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E31 GILWAY-E31 Datasheet
1Mb / 17P
   Miniature LEDs
logo
ZF Friedrichshafen AG
E31 ZFSWITCHES-E31 Datasheet
1Mb / 5P
   High temperature versions optional
logo
Mitsumi Electronics, Co...
E31-010-210-AGKA MITSUMI-E31-010-210-AGKA Datasheet
169Kb / 2P
   Memory Stick??Connectors
logo
Ferroxcube Internationa...
E31-3C90 FERROXCUBE-E31-3C90 Datasheet
44Kb / 3P
   E cores and accessories
E31-3C90-A250 FERROXCUBE-E31-3C90-A250 Datasheet
44Kb / 3P
   E cores and accessories
More results

Similar Description - E31F4D3A1C-155.520M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com