Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUPBS-20.000M-GA Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EUPBS-20.000M-GA
Description  CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EUPBS-20.000M-GA Datasheet(HTML) 2 Page - Ecliptek Corporation

  EUPBS-20.000M-GA Datasheet HTML 1Page - Ecliptek Corporation EUPBS-20.000M-GA Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART NUMBERING GUIDE
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
Line 1: ECLIPTEK
Line 2: EXX.XXXM
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX
Ecliptek Manufacturing Identifier
FREQUENCY TOLERANCE / STABILITY
A=±50ppm at 25°C, ±100ppm from 0°C to 70°C
B=±50ppm at 25°C, ±100ppm from -20°C to 70°C
C=±50ppm at 25°C, ±100ppm from -40°C to 85°C
D=±30ppm at 25°C, ±50ppm from 0°C to 70°C
E=±30ppm at 25°C, ±50ppm from -20°C to 70°C
F=±30ppm at 25°C, ±50ppm from -40°C to 85°C
G=±15ppm at 25°C, ±30ppm from 0°C to 70°C
H=±15ppm at 25°C, ±30ppm from -20°C to 70°C
J=±15ppm at 25°C, ±30ppm from -40°C to 85°C
K=±15ppm at 25°C, ±20ppm from 0°C to 70°C
L=±15ppm at 25°C, ±20ppm from -20°C to 70°C
M=±15ppm at 25°C, ±20ppm from -40°C to 85°C
N=±10ppm at 25°C, ±15ppm from 0°C to 70°C
P=±10ppm at 25°C, ±15ppm from -20°C to 70°C
EU A A 18 - 20.000M - I2 TR
PACKAGING OPTIONS
Blank=Bulk, A=Tray, TR=Tape and Reel
AVAILABLE OPTIONS
Blank=None (Standard), CX=Custom Lead Length
G=Gull Wing
I2=Insulator Tab
L=Third Lead
L2=Alternate Third Lead
V=Vinyl Sleeving
FREQUENCY
LOAD CAPACITANCE
S=Series, XX=XXpF
MODE OF OPERATION / CRYSTAL CUT
A=Fundamental / AT, B=Third Overtone / AT
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
EU
HC-49/U
CR40
11/07
1000 Pieces per Reel
Compliant to EIA-468B
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PARAMETER
SPECIFICATION
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Lead Integrity
MIL-STD-883, Method 2004
Lead Termination
Sn 2µm - 6µm
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Resistance to Soldering Heat
MIL-STD-202, Method 210
Resistance to Solvents
MIL-STD-883, Method 215
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Vibration
MIL-STD-883, Method 2007, Condition A


Similar Part No. - EUPBS-20.000M-GA

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
EUP GREYSTONE-EUP Datasheet
297Kb / 2P
   ULTRA LOW PRESSURE TRANSMITTER
logo
Inventronics Inc.
EUP-096S070SV INVENTRONICS-EUP-096S070SV Datasheet
1Mb / 12P
   96W AOC IP67 Driver
Rev. D
EUP-096S105SV INVENTRONICS-EUP-096S105SV Datasheet
1Mb / 12P
   96W AOC IP67 Driver
Rev. D
EUP-096S150SV INVENTRONICS-EUP-096S150SV Datasheet
1Mb / 12P
   96W AOC IP67 Driver
Rev. D
EUP-096S210SV INVENTRONICS-EUP-096S210SV Datasheet
1Mb / 12P
   96W AOC IP67 Driver
Rev. D
More results

Similar Description - EUPBS-20.000M-GA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com