Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM622FR8GU-55S Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # EM622FR8GU-55S
Description  128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM622FR8GU-55S Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  EM622FR8GU-55S Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM622FR8GU-55S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM622FR8GU-55S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM622FR8GU-55S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM622FR8GU-55S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM622FR8GU-55S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM622FR8GU-55S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM622FR8GU-55S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM622FR8GU-55S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EM621FV16BU Series
Low Power, 128Kx16 SRAM
5
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0.4V to 2.2V
Input Rise and Fall Time : 5ns
Input and Output reference Voltage : 1.5V
Output Load (See right) : CL1) = 100pF + 1 TTL (70ns)
CL1) = 30pF + 1 TTL (45ns/55ns)
1. Including scope and Jig capacitance
2. R1=3070 ohm,
R2=3150 ohm
3. VTM=2.8V
4. CL = 5pF + 1 TTL (measurement with tLZ1,2, tHZ1,2, tOLZ, tOHZ, tWHZ)
CL1)
VTM3)
R12)
R22)
Parameter
Symbol
45ns
55ns
70ns
Unit
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
45
-
55
-
70
-
ns
Address access time
tAA
-45
-
55
-
70
ns
Chip select to output
tCO
-45
-
55
-
70
ns
Output enable to valid output
tOE
-25
-
25
-
35
ns
UB, LB access time
tBA
45
55
70
ns
Chip select to low-Z output
tLZ
10
-
10
-
10
-
ns
UB, LB enable to low-Z output
tBLZ
5-
5-
5
-
ns
Output enable to low-Z output
tOLZ
5-5-
5
-
ns
Chip disable to high-Z output
tHZ
020020
0
25
ns
UB, LB disable to high-Z output
tBHZ
015020
0
25
ns
Output disable to high-Z output
tOHZ
015020
0
25
ns
Output hold from address change
tOH
10
-
10
-
10
-
ns
Parameter
Symbol
45ns
55ns
70ns
Unit
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
45
-
55
-
70
-
ns
Chip select to end of write
tCW
45
-
45
-
60
-
ns
Address setup time
tAS
0-0-
0
-
ns
Address valid to end of write
tAW
45
-
45
-
60
-
ns
UB, LB valid to end of write
tBW
45
-
45
-
60
-
ns
Write pulse width
tWP
35
-
40
-
50
-
ns
Write recovery time
tWR
0-0-
0
-
ns
Write to ouput high-Z
tWHZ
0
15
0
20020
ns
Data to write time overlap
tDW
25
25
30
ns
Data hold from write time
tDH
0-0-
0
-
ns
End write to output low-Z
tOW
5-5-
5
-
ns
READ CYCLE (Vcc =2.7V to 3.6V, Gnd = 0V, TA = -40oC to +85oC)
WRITE CYCLE (Vcc =2.7V to 3.6V, Gnd = 0V, TA = -40oC to +85oC)


Similar Part No. - EM622FR8GU-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM622FS16BT-45LF EMLSI-EM622FS16BT-45LF Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM622FS16BT-45LL EMLSI-EM622FS16BT-45LL Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM622FS16BT-70LF EMLSI-EM622FS16BT-70LF Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM622FS16BT-70LL EMLSI-EM622FS16BT-70LL Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM622FS16BU-45LF EMLSI-EM622FS16BU-45LF Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
More results

Similar Description - EM622FR8GU-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com