Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRT-960-24 Datasheet(PDF) 1 Page - CUI INC

Part # VDRT-960-24
Description  Three Phase Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDRT-960-24 Datasheet(HTML) 1 Page - CUI INC

  VDRT-960-24 Datasheet HTML 1Page - CUI INC VDRT-960-24 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
VDRT-960-24 Three Phase Industrial DIN Rail Power Supply
DC output voltage
24V
Output rated current
40A
Output current range
0~40A
Rated output power
960W
Ripple & noise
80mVp-p
Voltage adj. range
24~28V
Voltage tolerance
±1.0%
Line regulation
±0.5%
Load regulation
±0.5%
Setup, rise, hold time
200ms, 60ms, 10ms/400VAC
200ms, 60ms, 24ms/500VAC at full load
Input voltage range
Three phrase 340 ~ 550VAC
Frequency range
47 ~ 63Hz
Efficiency
91%
AC current
2.4A/400VAC
1.9A/500VAC
Inrush current
Cold start 50A
Leakage current
<3.5mA / 530VAC
Overload protection
105 ~ 125% rated output power
type : Constant current limiting, unit will shut down o/p
voltage after 3 sec., re-power on to recover
Over voltage protection
30~36V type : Shut down o/p voltage, re-power on to recover
Over temp. protection
110°C±5°C(TSW1) Detect on heatsink of power transistor, 85°C±5°C(TSW2) Detect on
heatsink of power diode
type : Shut down o/p voltage, recovers automatically after temperature goes down
Working temperature
-20 ~ +60°C (Refer to output load derating curve)
Working humidity
20 ~ 90% RH non-condensing
Storage temp., humidity
-40 ~ +85°C , 10 ~ 95% RH
Temperature coefficient
±0.03%/°C (0 ~ 50°C)
Vibration
Component: 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes; Mounting:
compliance to ICE60068-2-6
Safety standards
UL508, ULEN60950-1, TUV EN60950-1 Approved
Withstand voltage
I/P-O/P:3KVAC
I/P-FG:1.5KVAC
O/P-FG:0.5KVAC for 1 min.
Isolation resistance
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC min.
EMI conduction & radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic current
Compliance to EN61000-3-2,-3
EMS immunity
Compliance to EN61000-4-2,3,4,5,6,8,11, ENV50204, EN61000-6-2 (EN50082-2) Heavy
industry level, criteria A
MTBF
122.5Khrs min.
MIL-HDBK-217F (25°C)
Dimensions
10.87x4.93x3.94 inches (276*125.2*100mm)
Weight
7.28lbs (3.3Kg); 4pcs/ 31.3lbs (14.2Kg)/1.14CUFT
Notes:
1. All parameters are specified at 230VAC input, rated load, 25°C 70% RH ambient
2. Tolerance includes set up tolerance, line regulation, load regulation
3. Ripple & noise are measured at 20MHz by using a 12” twisted pair terminated with a 0.1uF & 47 uF capacitor
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most
up-to-date product information before placing orders. V-Infinity assumes no liability or responsibility for customer’s applications using V-Infinity products other than
repair or replacing (at V-I’s option) V-Infinity products not meeting V-I’s published specifications. Nothing will be covered outside of standard product warranty.
Features
·High efficiency 89% and low dissipation
·Protections:Short circuit/Over load/Over voltage/Over
temperature
·Cooling by free air convection
·Built-in constant current limiting circuit
·Can be installed on DIN rail TS-35/7.5 or 15
·UL 508(industrial control equipment)approved
·EN61000-6-2(EN50082-2) industrial immunity level
·100% full load burn-in test
·3 year warranty


Similar Part No. - VDRT-960-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VDRT-960-48 CUI-VDRT-960-48 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
More results

Similar Description - VDRT-960-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VDRT-960-48 CUI-VDRT-960-48 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
logo
Total Power Internation...
DRT-960 TOTAL-POWER-DRT-960 Datasheet
380Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-240 TOTAL-POWER-DRT-240 Datasheet
392Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-960 ASTRODYNE-DRT-960 Datasheet
377Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-240_0811 MEANWELL-DRT-240_0811 Datasheet
314Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960_11 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-480 MEANWELL-DRT-480_08 Datasheet
295Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960_09 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-240 ASTRODYNE-DRT-240 Datasheet
352Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
DRT-480 ASTRODYNE-DRT-480 Datasheet
346Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com