Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCDB15-D48-D5 Datasheet(PDF) 2 Page - CUI INC

Part # VCDB15-D48-D5
Description  DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCDB15-D48-D5 Datasheet(HTML) 2 Page - CUI INC

  VCDB15-D48-D5 Datasheet HTML 1Page - CUI INC VCDB15-D48-D5 Datasheet HTML 2Page - CUI INC VCDB15-D48-D5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VCDB15 series
NOTES:
1. measured from high line to low line
2. measured from full load to1/4 load
3. deterrnine the correct fuse size by
calculating the maximum DC current
drain at low line input, maximum load
and then adding 20 to 25% to get
desired fuse size.
4. alternative pin configuration suffix “S”
INPUT
input voltage range
12V:
9-18V
24V:
18-36V
48V:
36-72V
input filter
Pi type
OUTPUT
voltage accuracy
single output
±1.0% max.
dual +output
±1.0% max.
dual -output
±3.0% max.
voltage balance dual output at full load
±1.0% max.
transient responce: single 25% step load change
<500µ sec.
dual FL-1/2±1% error band
<500µ sec.
ripple & noise, 20MHz BW
10mV RMS.max.
75mV p-p max.
temperature coefficient
±0.02%/°C
short circuit protection
indefinite & current limit
line regulation¹ single/dual output
±0.2% max.
line regulation² single/dual output
±1.0% max.
GENERAL SPECIFICATIONS
efficiency
see table
isolation voltage
500VDC min.
isolation resistance
109Ohm
switching frequency
200KHz, typical
operating temperature range
-25°C to +71°C
case temperature
100°C max.
cooling
free-air convection
storage temperature range
-40°C to +100°C
EMI/RFI
conductive EMI meet EN55022 class B
dimensions
2x2x0.4 inches
(50.8x50.8x10.2mm)
case material
black coated copper with
non-conductive base


Similar Part No. - VCDB15-D48-D5

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VCDB1104P-4B83B-TR STANLEY-VCDB1104P-4B83B-TR Datasheet
672Kb / 22P
   1608(t=1.15 mm) Type, lens color: water clear, Blue color emitting LED
VCDB1111C-5AY3B-TR STANLEY-VCDB1111C-5AY3B-TR Datasheet
676Kb / 22P
   Equivalent to JEDEC level 3 (IPC/JEDEC J-STD-020D)
VCDB1112H-5AY3B-TR STANLEY-VCDB1112H-5AY3B-TR Datasheet
643Kb / 22P
   Lead?밼ree soldering compatible
More results

Similar Description - VCDB15-D48-D5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com