Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCS6-S28-S12 Datasheet(PDF) 2 Page - CUI INC

Part # VCS6-S28-S12
Description  DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCS6-S28-S12 Datasheet(HTML) 2 Page - CUI INC

  VCS6-S28-S12 Datasheet HTML 1Page - CUI INC VCS6-S28-S12 Datasheet HTML 2Page - CUI INC VCS6-S28-S12 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VCS6 series
INPUT
input voltage range
±10%
input filter
PI Type
OUTPUT
voltage accuracy
±1% max.
voltage balance, dual output
±0.5% max.
ripple & noise 20MHz BW,
single output
50mV p-p., max
dual output
35mV p-p., max
temperature coefficient
single output
±0.02%/°C
dual output
±0.01%/°C
short circuit protection
short term
line regulation1
±0.02% max
load regulation2
±0.05% max
GENERAL SPECIFICATIONS
efficiency
60%
isolation voltage
500VDC min.
isolation capacitance
80pF
isolation resistance
109Ohms
switching frequency
20KHz, min.
operating temperature range
-25°C to +71°C
storage temperature
-40°C to +100°C
case temp.
plastic case
95°C max.
copper case
100°C max.
cooling
free air convection
EMI/RFI
six sided continuous shield
dimensions
2x2x0.4 inches
(50.8x50.8x10.2mm)
case material
standard models
non-conductive black plastic
suffix “M” models
black coated copper with non-conductive base


Similar Part No. - VCS6-S28-S12

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
VCS TEC-VCS Datasheet
189Kb / 7P
   COMPACT VERTICAL LIQUID LEVEL SENSORS
VCS-01 TEC-VCS-01 Datasheet
189Kb / 7P
   COMPACT VERTICAL LIQUID LEVEL SENSORS
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
   LIQUID LEVEL SENSOR
logo
TE Connectivity Ltd
VCS-02 TEC-VCS-02 Datasheet
189Kb / 7P
   COMPACT VERTICAL LIQUID LEVEL SENSORS
VCS-03 TEC-VCS-03 Datasheet
189Kb / 7P
   COMPACT VERTICAL LIQUID LEVEL SENSORS
More results

Similar Description - VCS6-S28-S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com