Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCD40-D24-T312 Datasheet(PDF) 5 Page - CUI INC

Part # VCD40-D24-T312
Description  DC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCD40-D24-T312 Datasheet(HTML) 5 Page - CUI INC

  VCD40-D24-T312 Datasheet HTML 1Page - CUI INC VCD40-D24-T312 Datasheet HTML 2Page - CUI INC VCD40-D24-T312 Datasheet HTML 3Page - CUI INC VCD40-D24-T312 Datasheet HTML 4Page - CUI INC VCD40-D24-T312 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
5 of 5
10/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VCD40 series
+Vin
-Vin
-Vout
+Vout
R adj,up
R-Load
Trim
+Sense
-Sense
In order to trim the voltage up or down one needs to connect the trim resistor either between the trim pin and -Vo for trim-up and between trim
pin and +Vo for trim-down. The output voltage trim range is ±10%. This is shown in Figures 1 and 2:
Figure 1. Trim-up Voltage Setup
+Vin
-Vin
-Vout
+Vout
R adj,down
R-Load
Trim
+Sense
-Sense
Figure 2. Trim-down Voltage Setup
Model Number
Output Voltage(V)
R1 (Kohm)
R2 (Kohm)
R3 (Kohm)
Rt (Kohm)
Vr
3.3V
2.74
1.8
0.27
9.1
1.24
12V
6.8
2.4
2.32
22
2.5
15V
8.06
2.4
3.9
27
2.5
)
(K
)
1
(
,
Ω
-
-
x
=
-
Rt
V
Vo
Vr
R
R
nom
o
up
trim
1.
The value of Rtrim-up defined as:
Where: R trim-up is the external resistor in Kohm.
Vo,nom is the nominal output voltage.
Vo is the desired output voltage.
R1 ,Rt and Vr are internal to the unit and are defined in Table 1.
Table 1 - Trim Resistor Values
Model Number
Output Voltage(V)
R1 (Kohm)
Rt (Kohm)
Vr
For example, to trim-up the output voltage of 5.0V module
(VCD40-D48-S5) by 5% to 5.25V, R trim-up is calculated as follows:
Vo – Vo,nom = 5.25 – 5.0 = 0.25V
R1 = 2.32 Kohm
Rt = 8.2 Kohm , Vr= 2.5
)
(K
15
2
.
8
25
.
0
5
.
2
32
.
2
Ω
=
-
x
=
- up
trim
R
The value of R trim-down defined as:
)
(K
)
(
1
,
Ω
-
-
-
x
=
-
Rt
Vo
V
Vr
Vo
R
R
nom
o
down
trim
Where: R trim-down is the external resistor in Kohm.
Vo,nom is the nominal output voltage.
Vo is the desired output voltage.
R1 ,Rt and Vr are internal to the unit and are defined in Table 1.
For example, to trim-down the output voltage of 5.0V module
(VCD40-D48-S5) by 5% to 4.75V, R trim-down is calculated as follows :
Vo,nom – Vo = 5.0 – 4.75 = 0.25 V
R1 = 2.32 Kohm
R t = 8.2 Kohm , Vr=2.5
)
(K
68
.
12
2
.
8
25
.
0
)
5
.
2
75
.
4
(
32
.
2
Ω
=
-
-
x
=
- down
trim
R
2.
The output Voltage 3.3V,12V and 15V value of Rtrim are
defined as below:
)
(K
)
2
)
(
)
3
2
(
1
(
,
Ω
-
x
-
+
x
x
=
-
Rt
R
V
Vo
R
R
R
Vr
R
nom
o
up
trim
)
(K
Ω
)
1
2
)
(
1
(
1
,
-
-
x
-
x
x
=
-
Rt
R
Vo
V
R
Vr
R
R
nom
o
down
trim
Where: R trim-up is the external resistor in Kohm.
Vo,nom is the nominal output voltage.
Vo is the desired output voltage.
R1, R2, R3, Rt and Vr are internal to the unit and are defined in Table 2.
Table 2 - Trim Resistor Values
VCD40-D24-S5
VCD40-D48-S5
5.0
2.32
8.2
2.5
VCD40-D24-S3R3
VCD40-D48-S3R3
VCD40-D24-S12
VCD40-D48-S12
VCD40-D24-S15
VCD40-D48-S15
TRIM INFORMATION


Similar Part No. - VCD40-D24-T312

ManufacturerPart #DatasheetDescription
logo
CUI INC
VCD40-D24-T312 CUI-VCD40-D24-T312 Datasheet
793Kb / 6P
   DC-DC CONVERTER
08/31/2021
More results

Similar Description - VCD40-D24-T312

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com