Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCD40-D24-S3R3 Datasheet(PDF) 2 Page - CUI INC

Part # VCD40-D24-S3R3
Description  DC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCD40-D24-S3R3 Datasheet(HTML) 2 Page - CUI INC

  VCD40-D24-S3R3 Datasheet HTML 1Page - CUI INC VCD40-D24-S3R3 Datasheet HTML 2Page - CUI INC VCD40-D24-S3R3 Datasheet HTML 3Page - CUI INC VCD40-D24-S3R3 Datasheet HTML 4Page - CUI INC VCD40-D24-S3R3 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
2 of 5
10/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VCD40 series
INPUT
input voltage range
12V:
9-18V
24V:
18-36V
48V:
36-72V
under voltage lockout
12 Vin power up
8.8 V
12 Vin power down
8.0 V
24 Vin power up
17 V
24 Vin power down
16 V
48 Vin power up
34 V
48 Vin power down
32 V
input filter
Pi type
Output
voltage accuracy
single / dual output
±1.5% max.
triple: main
±1.5% max.
auxiliary
±5.0% max.
transient response:
75-100% step load change
error band
±5% Vout nominal
recovery time
<300 μS
output voltage adjustment range
90-110%
ripple & noise
20MHz BW
2.5 V & 3.3 V & 5 V
20 mV RMS, max., 50 mV pk-pk, max.
12 V & 15 V
20 mV RMS, max., 75 mV pk-pk, max.
temperature coefficient
±0.02%/°C
line regulation1
single/dual
±0.5% max.
triple...main
±1.0% max.
auxiliary
±5.0% max.
load regulation2
single/dual
±0.5% / ±1.0% max.
triple...main
±2.0% max.
auxiliary
±5.0% max.
over-voltage protection
3.3 V
3.6 V
5 V
6.2 V
12 V
15 V
15 V
18 V
output current limit
% nom. output
110-140%
short circuit protection
continuous


Similar Part No. - VCD40-D24-S3R3

ManufacturerPart #DatasheetDescription
logo
CUI INC
VCD40-D24-S3R3 CUI-VCD40-D24-S3R3 Datasheet
793Kb / 6P
   DC-DC CONVERTER
08/31/2021
More results

Similar Description - VCD40-D24-S3R3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com