Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCD30-D24-S5 Datasheet(PDF) 2 Page - CUI INC

Part # VCD30-D24-S5
Description  DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCD30-D24-S5 Datasheet(HTML) 2 Page - CUI INC

  VCD30-D24-S5 Datasheet HTML 1Page - CUI INC VCD30-D24-S5 Datasheet HTML 2Page - CUI INC VCD30-D24-S5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VCD30 series
NOTES:
1. Measured from high line to low line
2. Measured from full load to 1/4 load
INPUT
input voltage range
12V:
9-18V
24V:
18-36V
48V:
36-72V
input filter
Pi type
OUTPUT
voltage accuracy
single output
±2.0% max.
dual +output
±2.0% max.
-output
±3.0% max.
triple, 5V
±2.0% max.
12V/15V
±5.0% max.
voltage balance (dual)
±1.0%max
transient response: single output: 25% step load change
<500
µS
dual output: FL~1/2L, ±1% error band
<500
µS
external trim adj. range
±10%
ripple & noise
20MHz BW
10mV RMS., max
75mV p-p, max
temperature coefficient
±0.02%/°C
short circuit protection
continuous
line regulation1
single/dual
±0.5% max.
triple
±1.0% max.
load regulation2
single/dual
±1.0% max.
triple
±5.0% max.
GENERAL SPECIFICATIONS
efficiency
see table
isolation voltage
500VDC min.
isolation resistance
109Ohm min.
switching frequency
300KHz, Typical
case grounding
connected to output common
operating temperature range
-25°C to +71°C
case temperature
100°C max.
cooling
free-air convection
storage temperature
-55°C to +105°C
EMI/RFI
six sided continuous shield
dimensions
2x2x0.4 inches
(50.8x50.8x10.2mm)
case material
black coated copper with non-conductive base


Similar Part No. - VCD30-D24-S5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCD0 SCHNEIDER-VCD0 Datasheet
198Kb / 3P
   TeSys Vario - emergency stop switch disconnector - 25 A - on door
Jun 13, 2022
VCD01 SCHNEIDER-VCD01 Datasheet
185Kb / 3P
   TeSys Vario - emergency stop switch disconnector - 20 A - on door
VCD01 SCHNEIDER-VCD01 Datasheet
198Kb / 3P
   TeSys Vario - emergency stop switch disconnector - 20 A - on door
Jun 13, 2022
VCD01 SCHNEIDER-VCD01_V01 Datasheet
198Kb / 3P
   TeSys Vario - emergency stop switch disconnector - 20 A - on door
Jun 13, 2022
VCD02 SCHNEIDER-VCD02 Datasheet
185Kb / 3P
   TeSys Vario - emergency stop switch disconnector - 12 A - on door
More results

Similar Description - VCD30-D24-S5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com