Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCD40-D12-D15 Datasheet(PDF) 3 Page - CUI INC

Part # VCD40-D12-D15
Description  DC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCD40-D12-D15 Datasheet(HTML) 3 Page - CUI INC

  VCD40-D12-D15 Datasheet HTML 1Page - CUI INC VCD40-D12-D15 Datasheet HTML 2Page - CUI INC VCD40-D12-D15 Datasheet HTML 3Page - CUI INC VCD40-D12-D15 Datasheet HTML 4Page - CUI INC VCD40-D12-D15 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
3 of 5
10/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VCD40 series
GENERAL SPECIFICATIONS
efficiency
see table
isolation voltage
(input to output)
1500VDC min.
Isolation Resistance
109 Ohm min.
switching frequency
350KHz, typical
case grounding
connected to output common
operating temp. range5
-40°C to 85°C
case temp.5
100°C max.
storage temp.
-55°C to 125°C
thermal shutdown
case temp.
110°C typ.
cooling
free-air convection
EMI/RFI
six sided continuous shield
dimensions
2x2x0.4 inches
(50.8x50.8x10.2mm)
weight
65 g
case material
black coated copper with non-conductive base
NOTES:
1. measured from high line to low line
2. measured from full load to 10% load
3. logic compatibility
CMOS or open collector TTL, ref. to -Vin
module ON
>3.5 VDC to 75 VDC or open circuit
module OFF
<1.8 VDC
4. suffix “N” to the model number with negative logic remote ON/OFF
module ON
<1.8 VDC
module OFF
>3.5 VDC to 75 VDC or open circuit
5. ± sense
if ±sense is not being used the +sense should be connected to +Vout and the -sense should be connected to the -Vout
6. maximum case temperature under any operating condition should not exceed 100°C


Similar Part No. - VCD40-D12-D15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VCD40-D12-D15 CUI-VCD40-D12-D15 Datasheet
793Kb / 6P
   DC-DC CONVERTER
08/31/2021
More results

Similar Description - VCD40-D12-D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com