Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCDB15-D12-D12 Datasheet(PDF) 1 Page - CUI INC

Part # VCDB15-D12-D12
Description  DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCDB15-D12-D12 Datasheet(HTML) 1 Page - CUI INC

  VCDB15-D12-D12 Datasheet HTML 1Page - CUI INC VCDB15-D12-D12 Datasheet HTML 2Page - CUI INC VCDB15-D12-D12 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VCDB15 series
features
·
15W isolated output
·2:1 input range
·efficiency to 82%
·200 KHz switching frequency
·six-sided shield
·regulated outputs
·Pi input filter
·continuous short circuit protection
·meets EN55022 class B, conducted
model
input
output
output
input current
number
voltage
voltage
current
no load
full load
efficiency
VCDB15-D12-S3R3
9-18VDC
3.3VDC
3000mA
30mA
1178mA
70%
VCDB15-D12-S5
9-18VDC
5VDC
3000mA
30mA
1660mA
75%
VCDB15-D12-S12
9-18VDC
12VDC
1250mA
30mA
1625mA
78%
VCDB15-D12-S15
9-18VDC
15VDC
1000mA
30mA
1625mA
78%
VCDB15-D12-D12
9-18VDC
±12VDC
±625mA
35mA
1620mA
77%
VCDB15-D12-D15
9-18VDC
±15VDC
±500mA
35mA
1620mA
77%
VCDB15-D12-D5
9-18VDC
±5VDC
±1500mA
35mA
1620mA
77%
VCDB15-D24-S3R3
18-36VDC
3.3VDC
3000mA
15mA
557mA
74%
VCDB15-D24-S5
18-36VDC
5VDC
3000mA
15mA
812mA
78%
VCDB15-D24-S12
18-36VDC
12VDC
1250mA
20mA
772mA
81%
VCDB15-D24-S15
18-36VDC
15VDC
1000mA
20mA
772mA
81%
VCDB15-D24-D12
18-36VDC
±12VDC
±625mA
25mA
780mA
80%
VCDB15-D24-D15
18-36VDC
±15VDC
±500mA
25mA
780mA
80%
VCDB15-D24-D5
18-36VDC
±5VDC
±1500mA
25mA
780mA
80%
VCDB15-D48-S3R3
36-72VDC
3.3VDC
3000mA
20mA
271mA
76%
VCDB15-D48-S5
36-72VDC
5VDC
3000mA
10mA
390mA
80%
VCDB15-D48-S12
36-72VDC
12VDC
1250mA
15mA
381mA
82%
VCDB15-D48-S15
36-72VDC
15VDC
1000mA
15mA
381mA
82%
VCDB15-D48-D12
36-72VDC
±12VDC
±625mA
20mA
386mA
81%
VCDB15-D48-D15
36-72VDC
±15VDC
±500mA
20mA
386mA
81%
VCDB15-D48-D5
36-72VDC
±5VDC
±1500mA
20mA
386mA
81%


Similar Part No. - VCDB15-D12-D12

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VCDB1104P-4B83B-TR STANLEY-VCDB1104P-4B83B-TR Datasheet
672Kb / 22P
   1608(t=1.15 mm) Type, lens color: water clear, Blue color emitting LED
VCDB1111C-5AY3B-TR STANLEY-VCDB1111C-5AY3B-TR Datasheet
676Kb / 22P
   Equivalent to JEDEC level 3 (IPC/JEDEC J-STD-020D)
VCDB1112H-5AY3B-TR STANLEY-VCDB1112H-5AY3B-TR Datasheet
643Kb / 22P
   Lead?밼ree soldering compatible
More results

Similar Description - VCDB15-D12-D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com