Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCD40 Datasheet(PDF) 1 Page - CUI INC

Part # VCD40
Description  DC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCD40 Datasheet(HTML) 1 Page - CUI INC

  VCD40 Datasheet HTML 1Page - CUI INC VCD40 Datasheet HTML 2Page - CUI INC VCD40 Datasheet HTML 3Page - CUI INC VCD40 Datasheet HTML 4Page - CUI INC VCD40 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 5
10/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VCD40 series
features
·40W isolated output
·efficiency to 90%
·fixed 350 KHz switching frequency
·2:1 input range
·regulated outputs
·continuous short circuit protection
·six sided metal case
·2” x 2” size
·industry standard pin-out
model4
input
output
output
input current
number
voltage
voltage
current
no load
full load
efficiency
VCD40-D12-S2R5
9-18 VDC
2.5 VDC
10000 mA
200mA
2422mA
86%
VCD40-D12-S3R3
9-18 VDC
3.3 VDC
10000 mA
200mA
3161mA
87%
VCD40-D12-S5
9-18 VDC
5 VDC
8000 mA
200mA
3745mA
89%
VCD40-D12-S12
9-18 VDC
12 VDC
3333 mA
200mA
3703mA
90%
VCD40-D12-S15
9-18 VDC
15 VDC
2666 mA
200mA
3702mA
90%
VCD40-D12-D12
9-18 VDC
±12 VDC
1800 mA
100mA
4186mA
86%
VCD40-D12-D15
9-18 VDC
±15 VDC
1400 mA
100mA
4070mA
86%
VCD40-D12-T312
9-18 VDC
3.3/±12V
6A/±0.4A
200mA
2917mA
84%
VCD40-D12-T315
9-18 VDC
3.3/±15V
6A/±0.3A
200mA
2857mA
84%
VCD40-D12-T512
9-18 VDC
5.0/±12V
6A/±0.4A
200mA
3837mA
86%
VCD40-D12-T515
9-18 VDC
5.0/±15V
6A/±0.3A
200mA
3779mA
86%
VCD40-D24-S3R3
18-36 VDC
3.3 VDC
8000 mA
100 mA
1325 mA
87%
VCD40-D24-S5
18-36 VDC
5 VDC
8000 mA
100 mA
1961 mA
89%
VCD40-D24-S12
18-36 VDC
12 VDC
3333 mA
100 mA
2048 mA
88%
VCD40-D24-S15
18-36 VDC
15 VDC
2666 mA
100 mA
1985 mA
89%
VCD40-D24-D12
18-36 VDC
±12 VDC
1800 mA
100 mA
2069 mA
87%
VCD40-D24-D15
18-36 VDC
±15 VDC
1400 mA
100 mA
2011 mA
87%
VCD40-D24-T312
18-36 VDC
3.3/±12 V
6A/±0.4 mA
100 mA
1441 mA
85%
VCD40-D24-T315
18-36 VDC
3.3/±15 V
6A/±0.3 mA
100 mA
1412 mA
85%
VCD40-D24-T512
18-36 VDC
5.0/±12 V
6A/±0.4 mA
100 mA
1897 mA
87%
VCD40-D24-T515
18-36 VDC
5.0/±15 V
6A/±0.3 mA
100 mA
1868 mA
87%
VCD40-D48-S3R3
36-75 VDC
3.3 VDC
8000 mA
50 mA
655 mA
82%
VCD40-D48-S5
36-75 VDC
5 VDC
8000 mA
50 mA
969 mA
90%
VCD40-D48-S12
36-75 VDC
12 VDC
3333 mA
50 mA
1000 mA
89%
VCD40-D48-S15
36-75 VDC
15 VDC
2666 mA
50 mA
992 mA
89%
VCD40-D48-D12
36-75 VDC
±12 VDC
1800 mA
50 mA
1034 mA
87%
VCD40-D48-D15
36-75 VDC
±15 VDC
1400 mA
50 mA
1006 mA
87%
VCD40-D48-T312
36-75 VDC
3.3/±12 V
6A/±0.4A
50 mA
712 mA
86%
VCD40-D48-T315
36-75 VDC
3.3/±15 V
6A/±0.3A
50 mA
698 mA
86%
VCD40-D48-T512
36-75 VDC
5.0/±12 V
6A/±0.4A
50 mA
938 mA
88%
VCD40-D48-T515
36-75 VDC
5.0/±15 V
6A/±0.3A
50 mA
923 mA
88%


Similar Part No. - VCD40

ManufacturerPart #DatasheetDescription
logo
CUI INC
VCD40 CUI-VCD40 Datasheet
793Kb / 6P
   DC-DC CONVERTER
08/31/2021
VCD40-D12-D12 CUI-VCD40-D12-D12 Datasheet
793Kb / 6P
   DC-DC CONVERTER
08/31/2021
VCD40-D12-D15 CUI-VCD40-D12-D15 Datasheet
793Kb / 6P
   DC-DC CONVERTER
08/31/2021
VCD40-D12-S12 CUI-VCD40-D12-S12 Datasheet
793Kb / 6P
   DC-DC CONVERTER
08/31/2021
VCD40-D12-S15 CUI-VCD40-D12-S15 Datasheet
793Kb / 6P
   DC-DC CONVERTER
08/31/2021
More results

Similar Description - VCD40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com