Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VAT0 Datasheet(PDF) 3 Page - CUI INC

Part # VAT0
Description  dc-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAT0 Datasheet(HTML) 3 Page - CUI INC

  VAT0 Datasheet HTML 1Page - CUI INC VAT0 Datasheet HTML 2Page - CUI INC VAT0 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
page
date
DESCRIPTION: dc-dc converter
3 of 3
02/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAT0.25-SMT Series
Application Notes:
- To ensure this module can operate efficiently and
reliably during operation, the minimum output load
should not be less than 10% of the full load. This
product should never be operated under no load
conditions. If the actual output power is very low you
should increase the load by connecting a resistor
with the proper resistance at the output end in
parallel.
- Recommended Circuit
If you want to further decrease the input/output
ripple, an “LC” filtering network may be connected to
the input and output ends of the dc-dc converter, see
(Figure 1).
- Overload Protection
Under normal operating conditions, the output circuit
of these products has no protection against overload.
The simplest method is to connect a self-recovery
fuse in series at the input end or add a circuit
breaker to the circuit.
DC DC
DC
+Vin
-Vin
+Vin
-Vin
REG
+Vout
Com
-Vout
+Vout
Com
-Vout
DC
REG
REG
- Output Voltage Regulation and Over-voltage
Protection Circuit
The simplest device for output voltage regulation,
over-voltage and over-current protection is a linear
voltage regulator with overheat protection that is
connected to the input or output end in series
(Figure 2).
No parallel connection or plug and play.
Figure 2
DC
L
L
DC
L
+Vout
Com
-Vout
+Vin
-Vin
C
C
C
Figure 1
It should also be noted that the inductance and
the frequency of the “LC” filtering network should
be staggered with the dc-dc frequency to avoid
mutual interference. However, the capacitance of
the output filter capacitor must be proper. If the
capacitance is too large, a startup problem might
arise. It is not recommended to connect any
external capacitor in the application field .
250
200
150
100
50
0
90 Sec. max
(>220°C)
220°C
Peak Temperature
260°C for 10 Sec. Max
Time (Seconds)
Reflow Profile


Similar Part No. - VAT0

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VAT-1 MINI-VAT-1 Datasheet
202Kb / 1P
   SMA Fixed Attenuator
VAT-1++ MINI-VAT-1+ Datasheet
718Kb / 1P
   FIXED ATTENUATORS
VAT-10 MINI-VAT-10 Datasheet
230Kb / 1P
   SMA Fixed Attenuator
VAT-10++ MINI-VAT-10+ Datasheet
261Kb / 1P
   FIXED ATTENUATORS
VAT-10++ MINI-VAT-10+ Datasheet
718Kb / 1P
   FIXED ATTENUATORS
More results

Similar Description - VAT0

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com