Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM644FU16AV-70S Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM644FU16AV-70S
Description  128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM644FU16AV-70S Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM644FU16AV-70S Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM644FU16AV-70S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM644FU16AV-70S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM644FU16AV-70S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM644FU16AV-70S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM644FU16AV-70S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM644FU16AV-70S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM644FU16AV-70S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM644FU16AV-70S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM620FU16B Series
Low Power, 128Kx16 SRAM
2
128K x16 Bit Low Power and Low Voltage CMOS Static RAM
I/O Circuit
Column Select
Data
Cont
Data
Cont
Pre-charge Circuit
Memory Array
1024 x 2048
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A10 A11 A12 A13 A14 A15 A16
WE
OE
UB
LB
CS1
I/O0 ~ I/O7
I/O8 ~ I/O15
VCC
VSS
Control Logic
FEATURES
- Process Technology : 0.15mm Full CMOS
- Organization : 128K x16
- Power Supply Voltage
=> EM620FU16B Series: 2.7V~3.3V
- Low Data Retention Voltage : 1.5V (MIN)
- Three state output and TTL Compatible
- Packaged product designed for 45/55/70ns
- Package Type: 48-FpBGA
GENERAL DESCRIPTION
The EM620FU16B series are fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale Pack-
age for user flexibility of system design. The families also
supports low data retention voltage for battery back-up
operation with low data retention current.
The EM620FU16B series are available in KGD and
JEDEC standard 48 pin 6mm x 7mm BGA package.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1.Max)
EM620FU16B-45LF
Industrial (-40 ~ 85oC)
2.7V~3.3V
45ns
1
µA
3mA
48-FpBGA
EM620FU16B-55LF
Industrial (-40 ~ 85oC)
2.7V~3.3V
55ns
1
µA
3mA
48-FpBGA
EM620FU16B-70LF
Industrial (-40 ~ 85oC)
2.7V~3.3V
70ns
1
µA
3mA
48-FpBGA
Name
Function
Name
Function
CS1, CS2
Chip select inputs
Vcc
Power Supply
OE
Output Enable input
Vss
Ground
WE
Write Enable input
UB
Upper Byte (I/O9~16)
A0~A16
Address Inputs
LB
Lower Byte (I/O1~8)
I/O0~I/O15
Data Inputs/Outputs
NC
No Connection
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTIO
48-FpBGA: Top view (Ball down)
123456
A
LB
OE
A0
A1
A2
CS2
B
I/O8
UB
A3
A4
CS1
I/O0
C
I/O9 I/O10
A5
A6
I/O1
I/O2
D
VSS I/O11 DNU
A7
I/O3
VCC
E
VCC I/O12 DNU A16 I/O4
VSS
F
I/O14 I/O13 A14
A15
I/O5
I/O6
G
I/O15 DNU
A12
A13
WE
I/O7
H
DNU
A8
A9
A10
A11
DNU
CS2


Similar Part No. - EM644FU16AV-70S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM644FU16ET-10LF EMLSI-EM644FU16ET-10LF Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FU16ET-10S EMLSI-EM644FU16ET-10S Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FU16ET-12LF EMLSI-EM644FU16ET-12LF Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FU16ET-12S EMLSI-EM644FU16ET-12S Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FU16EU-10LF EMLSI-EM644FU16EU-10LF Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM644FU16AV-70S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com