Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7803-500 Datasheet(PDF) 1 Page - CUI INC

Part # V7803-500
Description  DC switching regulator, non-isolated
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V7803-500 Datasheet(HTML) 1 Page - CUI INC

  V7803-500 Datasheet HTML 1Page - CUI INC V7803-500 Datasheet HTML 2Page - CUI INC V7803-500 Datasheet HTML 3Page - CUI INC V7803-500 Datasheet HTML 4Page - CUI INC V7803-500 Datasheet HTML 5Page - CUI INC V7803-500 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC switching regulator, non-isolated
1 of 6
06/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: V78XX-500 series
features
·efficiency up to 96%
·no need for heatsinks
·wide input range
·short circuit protection
·thermal shutdown
·low ripple and noise
·pin compatible to LM78XX
series
·non-isolated
model
input voltage
output
output
efficiency
number
range
voltage
current
Vin_min
Vin_max
V7803-500
4.75~28 Vdc
3.3 Vdc
500 mA
90%
80%
V7805-500
6.5~32 Vdc
5 Vdc
500 mA
93%
84%
V7806-500
8~32 Vdc
6.5 Vdc
500 mA
94%
87%
V7809-500
11~32 Vdc
9 Vdc
500 mA
95%
91%
V7812-500
15~32 Vdc
12 Vdc
500 mA
95%
92%
V7815-500
18~32 Vdc
15 Vdc
500 mA
96%
93%
OUTPUT SPECIFICATIONS
item
conditions
min.
typ.
max.
unit
output voltage accuracy
at 100% load
±2
±3
%
line regulation
Vin = min. to max. at full load
±0.2
±0.4
%
load regulation
10% to 100% full load
±0.4
±0.6
%
output ripple
20 MHz bandwidth, output w/ 10μF cap
20
35
mVp-p
short circuit protection
continuous, auto recovery upon removal of short
short circuit input power
load impedance is
≤ 0.1Ω
0.3
0.8
W
output current limit
subject to over-temp shutdown
2000
mA
switching frequency
fixed switching frequency topology
280
330
450
KHz
dynamic load stability
100%<->10% load
±100
mV
quiescent current
Vin_min to Vin_max at no load
5
7
mA
thermal shutdown
internal IC junction
150
°C
temperature coefficient
-40°C ~ 85°C ambient
0.02
%/°C
max load capacitance
1000
μF
GENERAL SPECIFICATIONS
item
conditions
min.
typ.
max.
unit
operating temperature range
see derating curve
-40
85
°C
operating case temperature
-40
100
°C
storage temperature range
-55
125
°C
cooling
free air convection
solderability
1.5 mm from case for 10 seconds
300
°C
storage humidity range
relative humidity, non-condensing
10
95
%
case material
plastic (UL94-V0)
case thermal impedance
70
°C/W
MTBF
at 25°C per MIL-HDBK-217F
2,000,000
hours
package weight
2.0
grams
description
The V78XX series of switching regulators are
designed to replace 78XX linear regulators,
with the objective of drop-in replacement
without the need for a heatsink, because the
V78XX series features high efficiency under
all line conditions. Built-in short-circuit and
over-temperature protections ensure very
rugged operations. Additionally, low ripple
and noise performance make the parts useful
in a wide range of applications.
*see Application Notes section (page 5) for positive to negative conversion options.


Similar Part No. - V7803-500

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7803-500 CUI-V7803-500 Datasheet
264Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V7803-500 CUI-V7803-500 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V7803-500-SMT CUI-V7803-500-SMT Datasheet
499Kb / 5P
   DC switching regulator, non-isolated
V7803-500-SMT CUI-V7803-500-SMT Datasheet
633Kb / 8P
   NON-ISOLATED SWITCHING REGULATOR
V7803-500-SMT CUI-V7803-500-SMT Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
More results

Similar Description - V7803-500

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7802-1500 CUI-V7802-1500 Datasheet
760Kb / 5P
   DC SWITCHING REGULATOR, NON-ISOLATED
V78XX-500-SMT CUI-V78XX-500-SMT Datasheet
499Kb / 5P
   DC switching regulator, non-isolated
V78E-500-SMT CUI-V78E-500-SMT Datasheet
1Mb / 10P
   NON-ISOLATED DC SWITCHING REGULATOR
VXO78-500-M CUI-VXO78-500-M Datasheet
2Mb / 6P
   NON-ISOLATED DC SWITCHING REGULATOR
09/17/2021
V78E-1000-SMT CUI-V78E-1000-SMT_V01 Datasheet
4Mb / 9P
   NON-ISOLATED DC SWITCHING REGULATOR
06/09/2021
VXO78-500 CUI-VXO78-500_V01 Datasheet
3Mb / 7P
   NON-ISOLATED DC SWITCHING REGULATOR
09/14/2021
VX78-1000R CUI-VX78-1000R Datasheet
2Mb / 6P
   NON-ISOLATED DC SWITCHING REGULATOR
09/21/2021
VX78-1000 CUI-VX78-1000 Datasheet
933Kb / 8P
   NON-ISOLATED DC SWITCHING REGULATOR
P78E-1000 CUI-P78E-1000 Datasheet
1Mb / 8P
   NON-ISOLATED DC SWITCHING REGULATOR
V78E-500-SMT CUI-V78E-500-SMT_V01 Datasheet
3Mb / 9P
   NON-ISOLATED DC SWITCHING REGULATOR
03/02/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com