Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA5100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA5100
Description  140W MONO BASH POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5100 Datasheet(HTML) 4 Page - STMicroelectronics

  STA5100 Datasheet HTML 1Page - STMicroelectronics STA5100 Datasheet HTML 2Page - STMicroelectronics STA5100 Datasheet HTML 3Page - STMicroelectronics STA5100 Datasheet HTML 4Page - STMicroelectronics STA5100 Datasheet HTML 5Page - STMicroelectronics STA5100 Datasheet HTML 6Page - STMicroelectronics STA5100 Datasheet HTML 7Page - STMicroelectronics STA5100 Datasheet HTML 8Page - STMicroelectronics STA5100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
STA5100
4/14
PIN FUNCTION
Name
Description
1
-Vs
Negative Bias Supply
2
CD-P
Channel P Time varying tracking rail negative power supply
3
Att_Rel
Attack release rate
4
OutP
Channel P
5
OutP
Channel P
6
CD+P
Channel P positive power supply
7
Pwr_Inp
Input to power stage
8
In_pre
Pre-amp input (virtual ground)
9
Out_pre
Output channel
10
Trk
Absolute value block input
11
Stby/mute
Standby/mute input voltage control
12
Protection
Protection signal for STABP01 digital processor
13
Gnd
Analog Ground
14
+Vs
Positive Bias Supply
15
CD+
Time varying tracking rail positive power supply
16
Trk_out
Reference output for STABP01 digital processor
17
Threshold
Compressor threshold input
18
N.C.
19
N.C.
20
N.C.
21
N.C.
22
CD+N
Channel N positive power supply
23
OutN
Channel N
24
OutN
Channel N
25
N.C.
26
CD-N
Channel N Time varying tracking rail negative power supply
27
-Vs
Negative Bias Supply


Similar Part No. - STA5100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA510A STMICROELECTRONICS-STA510A Datasheet
367Kb / 17P
   44-volt, 5.5-amp, quad power half bridge
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
   44-V, 5.5-A, quad power half bridge
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
   44-V, 5.5-A, quad power half-bridge
More results

Similar Description - STA5100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA5150 STMICROELECTRONICS-STA5150 Datasheet
146Kb / 14P
   200W MONO BASH POWER AMPLIFIER
STA575 STMICROELECTRONICS-STA575 Datasheet
278Kb / 20P
   100100W STEREO BASH POWER AMPLIFIER
STA550 STMICROELECTRONICS-STA550 Datasheet
201Kb / 16P
   70&0W STEREO BASH POWER AMPLIFIER
STA530 STMICROELECTRONICS-STA530 Datasheet
278Kb / 17P
   4 X 50W STEREO BASH POWER AMPLIFIER
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
   POWER TRANSISTORS(20A,140W)
logo
Shenzhen Huazhimei Semi...
HM4990 HMSEMI-HM4990 Datasheet
841Kb / 12P
   1.25W Mono Audio Power Amplifier
logo
Mospec Semiconductor
2N5671 MOSPEC-2N5671 Datasheet
125Kb / 3P
   POWER TRANSISTORS(30A,140W)
logo
Fangtek Ltd.
FT690 FANGTEK-FT690 Datasheet
771Kb / 13P
   1.25W Mono Audio Power Amplifier
logo
Shenzhen Naxinwei Techn...
NS4890 NSIWAY-NS4890 Datasheet
193Kb / 2P
   1W mono audio power amplifier
logo
Fairchild Semiconductor
FAN7023 FAIRCHILD-FAN7023 Datasheet
353Kb / 12P
   1W CMOS Mono Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com