Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M57140-01 Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # M57140-01
Description  IPM POWER SUPPLY HYBRID IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

M57140-01 Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  M57140-01 Datasheet HTML 1Page - Isahaya Electronics Corporation M57140-01 Datasheet HTML 2Page - Isahaya Electronics Corporation M57140-01 Datasheet HTML 3Page - Isahaya Electronics Corporation M57140-01 Datasheet HTML 4Page - Isahaya Electronics Corporation M57140-01 Datasheet HTML 5Page - Isahaya Electronics Corporation M57140-01 Datasheet HTML 6Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
+
+
11
1
2
12
4
14
11
10
9
8
13
12
5
6
1
2
3
5
6
7
+
+
+
+
+
INPUT
DC113V-380V
M57120L-01
M57140-01
+15
RC
SG
AMP
P
U
V
W
N
AMP
AMP
AMP
AMP
AMP
IPM
SG
SG
SG
SG
SG
RC
RC
RC
+15
+15
0
0
+15
0
0
50V
47
m F
50V
330
m F
2.2
m F
R – TO STABILIZE WHEN NOT LOADED
C – TO SMOOTH OUTPUT VOLTAGE
,
,
,
,
,
Handling Precautions:
• When M57140-01 is used under excessive load condition, output side rectifying diodes will be destroyed.
Care should be exercised so as not to operate the device above the rated maximum load current.
• Coating Materials should not be applied on this device because the application of coating materials for
waterproofing could cause a stress and destroy a device.
Application Circuit
HYBRID IC
M57140-01
IPM POWER SUPPLY HYBRID IC


Similar Part No. - M57140-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57140-01 MITSUBISHI-M57140-01 Datasheet
49Kb / 4P
   IPM POWER SUPPLY HYBRID IC
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
   Isolated DC-to-DC Converter
More results

Similar Description - M57140-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57140-01 MITSUBISHI-M57140-01 Datasheet
49Kb / 4P
   IPM POWER SUPPLY HYBRID IC
logo
Isahaya Electronics Cor...
VLA606-01R ISAHAYA-VLA606-01R Datasheet
185Kb / 5P
   HYBRID IC IPM INTERFACE MODULE
VLA303A-01R ISAHAYA-VLA303A-01R Datasheet
267Kb / 9P
   IPM POWER SUPPLY UNIT
M57147AU-01 ISAHAYA-M57147AU-01 Datasheet
175Kb / 6P
   IPM POWER SUPPLY UNIT
VLA303-01 ISAHAYA-VLA303-01 Datasheet
353Kb / 9P
   IPM POWER SUPPLY UNIT
logo
Mitsubishi Electric Sem...
M57145L-01 MITSUBISHI-M57145L-01 Datasheet
49Kb / 3P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
logo
Isahaya Electronics Cor...
YS246DS-05 ISAHAYA-YS246DS-05 Datasheet
80Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-15 ISAHAYA-YS243DS-15 Datasheet
101Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-05 ISAHAYA-YS243DS-05 Datasheet
102Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DD-12 ISAHAYA-YS243DD-12 Datasheet
103Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com