Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VWRAS1-D24-D15-SIP Datasheet(PDF) 3 Page - CUI INC

Part # VWRAS1-D24-D15-SIP
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRAS1-D24-D15-SIP Datasheet(HTML) 3 Page - CUI INC

  VWRAS1-D24-D15-SIP Datasheet HTML 1Page - CUI INC VWRAS1-D24-D15-SIP Datasheet HTML 2Page - CUI INC VWRAS1-D24-D15-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 01-2008
3/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VWRAS1-SIP Series DC-DC Converter
Application Notes:
- All of the VWRAS1-SIP Series have been tested
according to the following recommended testing
circuit before leaving the factory. This series should
be tested under load(Figure 1). If you want to further
decrease the input/output ripple, you can increase
capacitance properly or choose capacitors with
low ESR. However, the capacitance should not be too
high(Table 2).
- CTRL Terminal
When open or high impedance, the
converter will work well; When this pin is ‘high’; the
converter will shutdown; It should be noted that the
input current should remain between
5-10mA,exceeding the maximum 20mA will
cause permanent damage to the converter.
Operating Temp.(
)
C
Temperature Derating Graph
- Input current
While using the unstable power source, please
ensure the output voltage and ripple voltage do not
exceed indexes of the converter. The preceding
power source must be able to provide for converter
sufficient starting current lp.
(Figure 2)
Input Voltage (V)
Input Voltage
Range
Ip
Figure 1
No parallel connection or plug and play.
Vout
Cout (Max)
±5
±
330
±
9
±
220
±
12
±
100
±
15
±
47
±
24
±
22
Table 2


Similar Part No. - VWRAS1-D24-D15-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VWRAS2 CUI-VWRAS2 Datasheet
384Kb / 5P
   DC-DC CONVERTER
VWRAS2-D12-D12-SIP CUI-VWRAS2-D12-D12-SIP Datasheet
112Kb / 3P
   dc/dc converter
VWRAS2-D12-D12-SIP CUI-VWRAS2-D12-D12-SIP Datasheet
281Kb / 3P
   dc-dc converter
VWRAS2-D12-D12-SIP CUI-VWRAS2-D12-D12-SIP Datasheet
384Kb / 5P
   DC-DC CONVERTER
VWRAS2-D12-D15-SIP CUI-VWRAS2-D12-D15-SIP Datasheet
112Kb / 3P
   dc/dc converter
More results

Similar Description - VWRAS1-D24-D15-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com