Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSNS10-5-2R5 Datasheet(PDF) 1 Page - CUI INC

Part # VSNS10-5-2R5
Description  Point of Load Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSNS10-5-2R5 Datasheet(HTML) 1 Page - CUI INC

  VSNS10-5-2R5 Datasheet HTML 1Page - CUI INC VSNS10-5-2R5 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
VSNS10 Series Point of Load Converter
Features
·Delivers 10A of output current
·High efficiency
·Low output ripple and noise
·Small size and low profile
·Cost efficient open frame design
·single-in-line (SIP) and SMT package
·Remote on/off (active low)
·Remote sense
·Trimmable output voltage via external resistor
·Output over current protection
·Over temperature protection
·Wide operating temperature range -40°C~85°C
·Non-isolated
Model
Input
Output
Output
Max.
Ripple & Noise
MTBF
Efficiency
Number
Voltage
Voltage
Current
Power
max
typ.
VSNS10-5-1R0
3.0-5.5V
1.0V
10A
10.0W
30mVp-p
7.6x105 hrs
82%
VSNS10-5-1R5
3.0-5.5V
1.5V
10A
15.0W
30mVp-p
7.6x105 hrs
87%
VSNS10-5-1R8
3.0-5.5V
1.8V
10A
18.0W
30mVp-p
7.6x105 hrs
88%
VSNS10-5-2R0
3.0-5.5V
2.0V
10A
20.0W
30mVp-p
7.6x105 hrs
90%
VSNS10-5-2R5
3.0-5.5V
2.5V
10A
25.0W
30mVp-p
7.6x105 hrs
92%
VSNS10-5-3R3
4.5-5.5V
3.3V
10A
33.0W
30mVp-p
7.6x105 hrs
94%
VSNS10-12-1R0
10-14V
1.0V
10A
10.0W
50mVp-p
8.0x105 hrs
81%
VSNS10-12-1R5
10-14V
1.5V
10A
15.0W
50mVp-p
8.0x105 hrs
84%
VSNS10-12-1R8
10-14V
1.8V
10A
18.0W
50mVp-p
8.0x105 hrs
85%
VSNS10-12-2R5
10-14V
2.5V
10A
25.0W
50mVp-p
8.0x105 hrs
87%
VSNS10-12-3R3
10-14V
3.3V
10A
33.0W
50mVp-p
8.0x105 hrs
89%
VSNS10-12-5R0
10-14V
5.0V
10A
50.0W
50mVp-p
8.0x105 hrs
92%
Notes:
1. Typical at Ta+ +25°C under nominal line voltage and full load conditions, unless other wise noted. All models are tested and spec-
ified with external input and output capacitors. (Cin=100uFx2 Cout=10uF), These capacitors are necessary to accommodate out
test equipment.
2. Ripple and Noise are tested/specified over a 20MHz bandwidth and may be reduced with external filtering.
3. This device has no minimum load requirement and will regulate under no-load conditions. The regulation part of the specifica-


Similar Part No. - VSNS10-5-2R5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSNS15 CUI-VSNS15 Datasheet
115Kb / 2P
   Point of Load Converter
VSNS15-12-1R0 CUI-VSNS15-12-1R0 Datasheet
115Kb / 2P
   Point of Load Converter
VSNS15-12-1R5 CUI-VSNS15-12-1R5 Datasheet
115Kb / 2P
   Point of Load Converter
VSNS15-12-1R8 CUI-VSNS15-12-1R8 Datasheet
115Kb / 2P
   Point of Load Converter
VSNS15-12-2R5 CUI-VSNS15-12-2R5 Datasheet
115Kb / 2P
   Point of Load Converter
More results

Similar Description - VSNS10-5-2R5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
   point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
   point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
   point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
   point of load converter
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
10/14/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP Datasheet
449Kb / 10P
   point of load converter
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
   point of load converter
VPOL10A-12W-SMT CUI-VPOL10A-12W-SMT Datasheet
656Kb / 14P
   point of load converter
VPOL15A-5-SIP CUI-VPOL15A-5-SIP Datasheet
268Kb / 12P
   point of load converter
VPOL16A-12-SMT CUI-VPOL16A-12-SMT Datasheet
267Kb / 12P
   point of load converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com