Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSCQ30-Q24-S15-T Datasheet(PDF) 3 Page - CUI INC

Part # VSCQ30-Q24-S15-T
Description  screw terminal DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSCQ30-Q24-S15-T Datasheet(HTML) 3 Page - CUI INC

  VSCQ30-Q24-S15-T Datasheet HTML 1Page - CUI INC VSCQ30-Q24-S15-T Datasheet HTML 2Page - CUI INC VSCQ30-Q24-S15-T Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
rev.
page
date
DESCRIPTION: screw terminal DC/DC converter
3 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VSCQ30-T series
DIMENSIONS (inches)
0.250
6.35
(2 PLCS)
units: mm(inches)
tolerance:
x.xx ±0.0
x.xx ±0.25
76.20 3.000
28.58 1.125
3.56 0.140
16.00 0.630
2.250
57.15
16.00 0.630
17.02 0.670
Typical Derating curve for Natural Convection
100
-40
60
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
2040
6080
100
Ambient Temperature(oC)
Natural
Convection
8
no pin
7+Vout
6-Vout
5Trim
4
+Vin
3
pin
1
PIN CONNECTIONS
-Vin
on/off control
function
EXTERNAL OUTPUT TRIM
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN
DERATING CURVE


Similar Part No. - VSCQ30-Q24-S15-T

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSCQ30-Q24-S15 CUI-VSCQ30-Q24-S15 Datasheet
234Kb / 3P
   DC/DC converter
More results

Similar Description - VSCQ30-Q24-S15-T

ManufacturerPart #DatasheetDescription
logo
CUI INC
VCQ-15 CUI-VCQ-15 Datasheet
993Kb / 4P
   Screw Terminal Dc-Dc Converter
PTK15-Q24-S3-T CUI-PTK15-Q24-S3-T Datasheet
624Kb / 3P
   screw terminal dc-dc converter
PTK15-T CUI-PTK15-T Datasheet
624Kb / 3P
   screw terminal dc-dc converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com