Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSCP-1K5-09 Datasheet(PDF) 1 Page - CUI INC

Part # VSCP-1K5-09
Description  Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSCP-1K5-09 Datasheet(HTML) 1 Page - CUI INC

  VSCP-1K5-09 Datasheet HTML 1Page - CUI INC VSCP-1K5-09 Datasheet HTML 2Page - CUI INC VSCP-1K5-09 Datasheet HTML 3Page - CUI INC VSCP-1K5-09 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VSCP-1K5 Series Switching Power Supply
Rev. 7-2007
1/ 4
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Features
·Current Sharing capability
·0.98 Typical Power Factor
·Programmable Output Voltage
·Universal AC Input
·Short Circuit, overload, over voltage,
over temperature protected
·Forced air cooling by built-in DC fan
·Power Failure Signal
·Built-in Remote Sense
·Built-in Remote Inhibit
·2 year warranty
Output Current
Ripple & Noise 3
Model
Output1
Minimum
Maximum2
Max. Power
Regulation
(Vpp)
Efficiency
VSCP-1K5-09
9 V
0 A
88/166 A
1500 W
<1%
1%
83%
VSCP-1K5-12
12 V
0 A
66/125 A
1500 W
<1%
1%
84%
VSCP-1K5-15
15 V
0 A
53/100 A
1500 W
<1%
1%
85%
VSCP-1K5-18
18 V
0 A
44/83.3 A
1500 W
<1%
1%
85%
VSCP-1K5-24
24 V
0 A
33/62 A
1500 W
<1%
1%
88%
VSCP-1K5-36
36 V
0 A
22/41.6 A
1500 W
<1%
1%
88%
VSCP-1K5-48
48 V
0 A
16/31 A
1500 W
<1%
1%
89%
VSCP-1K5-60
60 V
0 A
13/25 A
1500 W
<1%
1%
90%
Notes:
1 Output voltage is measured at output power connector.
2 Maximum current is measured at 100-120V input / 200-240V input
3 Ripple and noise is measured from 10 KHz to 20 MHz at output terminals with 0.1 µF ceramic capacitor and
a 22 µF electrolytic capacitor in parallel.


Similar Part No. - VSCP-1K5-09

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSCP-1K5-09 CUI-VSCP-1K5-09 Datasheet
429Kb / 6P
   AC-DC POWER SUPPLY
More results

Similar Description - VSCP-1K5-09

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com