Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM621FT16GS-55LF Datasheet(PDF) 1 Page - Emerging Memory & Logic Solutions Inc

Part # EM621FT16GS-55LF
Description  128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM621FT16GS-55LF Datasheet(HTML) 1 Page - Emerging Memory & Logic Solutions Inc

  EM621FT16GS-55LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM621FT16GS-55LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM621FT16GS-55LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM621FT16GS-55LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM621FT16GS-55LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM621FT16GS-55LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM621FT16GS-55LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM621FT16GS-55LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM621FT16GS-55LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EM621FV16BU Series
Low Power, 128Kx16 SRAM
1
Document Title
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Revision History
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
June 28, 2007
0.1
0.1 Revision
Revised VOH(2.2v to 2.4v),tOH(15ns to 10ns),
tOE-55(30ns to 25ns), tWP-55(45ns to 40ns),
tWP-70(55ns to 50ns), tWHZ-70(25ns to 20ns),
ICC(2mA to 3mA), ICC1(2mA to 3mA)
July 2, 2007
0.2
0.2 Revision
Fix typo error
Nov. 13, 2007
Emerging Memory & Logic Solutions Inc.
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea Zip Code : 690-719
Tel : +82-64-740-1712 Fax : +82-64-740-1749~1750 / Homepage : www.emlsi.com
The attached data sheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your
questions about device. If you have any questions, please contact the EMLSI office.


Similar Part No. - EM621FT16GS-55LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM621FT16GS-45L ETC2-EM621FT16GS-45L Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FT16GS-45S ETC2-EM621FT16GS-45S Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FT16GS-70L ETC2-EM621FT16GS-70L Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FT16GS-70S ETC2-EM621FT16GS-70S Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM621FT16GS-55LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com