Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM620V8CW-85S Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM620V8CW-85S
Description  64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM620V8CW-85S Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM620V8CW-85S Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM620V8CW-85S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM620V8CW-85S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM620V8CW-85S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM620V8CW-85S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM620V8CW-85S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM620V8CW-85S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM620V8CW-85S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM620V8CW-85S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM611FV16U Series
Low Power, 64Kx16 SRAM
2
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
FEATURES
• Process Technology : 0.18
µm Full CMOS
• Organization : 64K x 16 bit
• Power Supply Voltage : 2.7V ~ 3.6V
• Low Data Retention Voltage : 1.5V(Min.)
• Three state output and TTL Compatible
• Package Type : 44-TSOP2
GENERAL DESCRIPTION
The EM611FV16U families are fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale
Package for user flexibility of system design. The fami-
lies also supports low data retention voltage for battery
back-up operation with low data retention current.
2. Typical values are measured at Vcc=3.3V, T
A =25
oC and not 100% tested.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1.Max.)
EM611FV16U
Industrial (-40 ~ 85
oC)
2.7V~3.6V
55
1) /70ns
0.5
µA2)
3 mA
44 TSOP2
1. The parameter is measured with 30pF test load.
Name
Function
Name
Function
CS
Chip select input
Vcc
Power Supply
OE
Output Enable input
Vss
Ground
WE
Write Enable input
UB
Upper Byte (I/O9~16)
A0~A15
Address Inputs
LB
Lower Byte (I/O1~8)
I/O1~I/O16 Data Inputs/outputs
NC
No Connection
I/O Circuit
Column Select
Data
Cont
Data
Cont
Pre-charge Circuit
Memory Array
1024 x 1024
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A10 A11
A12
A13
A14 A15
WE
OE
UB
LB
CS
I/O1 ~ I/O8
I/O9 ~ I/O16
VCC
VSS
Control Logic
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
A4
A3
A2
A1
A0
CS
I/O1
I/O2
I/O3
I/O4
VCC
VSS
I/O5
I/O6
I/O7
I/O8
A5
A6
A7
OE
UB
LB
I/O16
I/O15
I/O14
I/O13
VSS
VCC
I/O12
I/O11
I/O10
I/O9
44 - TSOP2
17
18
19
20
21
22
28
27
26
25
24
23
WE
A15
A14
A13
A12
NC
NC
A8
A9
A10
A11
NC


Similar Part No. - EM620V8CW-85S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620F32-45LF EMLSI-EM620F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620F32-45LL EMLSI-EM620F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620F32-85LF EMLSI-EM620F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620F32-85LL EMLSI-EM620F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620F32B-45LF EMLSI-EM620F32B-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM620V8CW-85S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FV16 EMLSI-EM610FV16 Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1016U4B SAMSUNG-K6F1016U4B Datasheet
162Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F1016U4C SAMSUNG-DS_K6F1016U4C Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM611FV16 EMLSI-EM611FV16 Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F3216U6M SAMSUNG-K6F3216U6M Datasheet
150Kb / 9P
   2M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com