Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC-2742WBL-25L Datasheet(PDF) 1 Page - CUI INC

Part # CMC-2742WBL-25L
Description  electret condenser microphone
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CMC-2742WBL-25L Datasheet(HTML) 1 Page - CUI INC

  CMC-2742WBL-25L Datasheet HTML 1Page - CUI INC CMC-2742WBL-25L Datasheet HTML 2Page - CUI INC CMC-2742WBL-25L Datasheet HTML 3Page - CUI INC CMC-2742WBL-25L Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
page
date
DESCRIPTION: electret condenser microphone
1 of 4
06/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CMC-2742WBL-25L
SPECIFICATIONS
directivity
omnidirectional
sensitivity (S)
-42 ±3 db
f = 1KHz, 1Pa 0dB = 1V/Pa
sensitivity reduction (
ΔS-Vs)
-3 dB
f = 1KHz, 1Pa Vs = 2.0 ~ 1.5 V dc
operating voltage
2 V dc (standard), 10 V dc (max.)
output impedance (Zout)
2.2 K
Ω
f = 1KHz, 1Pa
operating frequency (f)
100 ~ 20,000 Hz
current consumption (IDSS)
0.5 mA max.
Vs = 2.0 V dc RL = 2.2K
Ω
signal to noise ratio (S/N)
57 dBA
f = 1KHz, 1Pa A-weighted
operating temperature
-20 ~ +70° C
storage temperature
-20 ~ +70° C
dimensions
ø6.0 x 2.7 mm
weight
0.22 g max.
material
Al
terminal
wire type (hand soldering only)
RoHS
yes
dustproof and waterproof level
IP57
note:
We use the “Pascal (Pa)” indication of sensitivity as per the recomendation of I.E.C. (International
Electrotechnical Commission). The sensitivity of “Pa” will increase 20dB compared to the “ubar”
indication. Example: -60dB (0dB = 1V/ubar) = -40dB (1V/Pa)
APPEARANCE DRAWING
UL1571, 30AWG
0.2
6.0
2.7 0.2
Terminal 2
BLACK
Terminal 1
RED
2.0 0.5
(2 PLCS)
25.0 3.0
(2 PLCS)
MAX 4.1
tolerances not shown: ±0.3mm


Similar Part No. - CMC-2742WBL-25L

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CMC-2742WBL-25L CUID-CMC-2742WBL-25L Datasheet
503Kb / 4P
   ELECTRET CONDENSER MICROPHONE
08/05/2022
More results

Similar Description - CMC-2742WBL-25L

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
   electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
   Electret Condenser Microphone
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
   Electret Condenser Microphone
logo
CUI INC
CMC-9745-L100 CUI-CMC-9745-L100 Datasheet
433Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com