Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSBU-120-24 Datasheet(PDF) 1 Page - CUI INC

Part # VSBU-120-24
Description  Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSBU-120-24 Datasheet(HTML) 1 Page - CUI INC

  VSBU-120-24 Datasheet HTML 1Page - CUI INC VSBU-120-24 Datasheet HTML 2Page - CUI INC VSBU-120-24 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VSBU-120 Single Output Switching Power Supply
Rev 12-2006
Features
·Universal Input Voltage 90-264 VAC, 130-370 VDC, 47-63 Hz
·Internal EMI filter
·Input connector mates with Molex housing 09-50-3051 and
Molex 2478 and 2578 series crimp terminal
·Output connector mates with Molex housing 09-50-3131
and Molex 2478 and 2578 series crimp terminal
·Input Surge current, over voltage and over load protection
·Power factor correction
·Power fail detect (optional)
·Class I Insulation
·Size : 3” x 5” x 1.28”(1U)
·Two Year Warranty
Model
Output
Preset
Output
Total
Max
Number
Voltage
Voltage1
Current2
Regulation
Output Power
VSBU-120-3.3
3~5 VDC
3.3 VDC
22.00~20.00 A
5%
100 W
VSBU-120-5
5~6 VDC
5 VDC
22.00~18.33 A
5%
110 W
VSBU-120-7.5
6~9 VDC
7.5 VDC
19.16~12.77 A
5%
115 W
VSBU-120-9
9~11 VDC
9 VDC
13.33~10.90 A
4%
120 W
VSBU-120-12
11~13 VDC
12 VDC
10.90~9.23 A
3%
120 W
VSBU-120-15
13~16 VDC
15 VDC
9.23~7.50 A
3%
120 W
VSBU-120-18
16~21 VDC
18 VDC
7.50~5.71 A
2%
120 W
VSBU-120-24
21~27 VDC
24 VDC
5.71~4.44 A
2%
120 W
VSBU-120-30
27~33 VDC
30 VDC
4.44~3.63 A
2%
120 W
VSBU-120-36
33~40 VDC
36 VDC
3.63~3.00 A
2%
120 W
VSBU-120-48
40~50 VDC
48 VDC
3.00~2.40 A
2%
120 W
Notes:
1 Customer must specify output voltage.
2 Output current is limited by output power.


Similar Part No. - VSBU-120-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSBU-120-24 CUI-VSBU-120-24 Datasheet
478Kb / 4P
   AC-DC POWER SUPPLY
04/27/2021
More results

Similar Description - VSBU-120-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-200 MEANWELL-LRS-200 Datasheet
99Kb / 4P
   200W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
HEP-600 MEANWELL-HEP-600 Datasheet
107Kb / 4P
   600W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35 Datasheet
74Kb / 2P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com