Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ120A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # SMAJ120A
Description  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMAJ120A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  SMAJ120A Datasheet HTML 1Page - TAITRON Components Incorporated SMAJ120A Datasheet HTML 2Page - TAITRON Components Incorporated SMAJ120A Datasheet HTML 3Page - TAITRON Components Incorporated SMAJ120A Datasheet HTML 4Page - TAITRON Components Incorporated SMAJ120A Datasheet HTML 5Page - TAITRON Components Incorporated SMAJ120A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
400W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2007-08-01
www.taitroncomponents.com
Page 2 of 6
SMAJ5.0A~170CA
Mechanical Data
Case:
JEDEC DO-214AC molded plastic
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity:
Cathode indicated by color band
Mounting position:
Any
Weight:
0.002 ounces, 0.064 gram
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current
P/N (note1)
Device
Marking
Code
Stand-Off
Voltage
V BR
Max.
Clamping
Voltage @
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM (V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
ID (
µA)
(note2)
SMAJ5.0A
SMAJ5.0CA
AE
WE
5.0
6.4
7.08
9.2
43.5
800/1600
SMAJ6.0A
SMAJ6.0CA
AG
WG
6.0
6.67
7.37
10.3
38.8
800/1600
SMAJ6.5A
SMAJ6.5CA
AK
WK
6.5
7.22
7.98
11.2
35.7
500/1000
SMAJ7.0A
SMAJ7.0CA
AM
WM
7.0
7.78
8.6
10
12.0
33.3
200/400
SMAJ7.5A
SMAJ7.5CA
AP
WP
7.5
8.33
9.21
12.9
31.0
100/200
SMAJ8.0A
SMAJ8.0CA
AR
WR
8.0
8.89
9.83
13.6
29.4
50/100
SMAJ8.5A
SMAJ8.5CA
AT
WT
8.5
9.44
10.4
14.4
27.8
10/20
SMAJ9.0A
SMAJ9.0CA
AV
WV
9.0
10.0
11.1
1.0
15.4
26.0
5/10
SMAJ10A
SMAJ10CA
AX
WX
10
11.1
12.3
1.0
17.0
23.5
1/2
SMAJ11A
SMAJ11CA
AZ
WZ
11
12.2
13.5
18.2
22.0
SMAJ12A
SMAJ12CA
BE
XE
12
13.3
14.7
19.9
20.1
SMAJ13A
SMAJ13CA
BG
XG
13
14.4
15.9
1.0
21.5
18.6
1.0
SMAJ14A
SMAJ14CA
BK
XK
14
15.6
17.2
23.2
17.2
SMAJ15A
SMAJ15CA
BM
XM
15
16.7
18.5
24.4
16.4
SMAJ16A
SMAJ16CA
BP
XP
16
17.8
19.7
26.0
15.4
SMAJ17A
SMAJ17CA
BR
XR
17
18.9
20.9
1.0
27.6
14.5
1.0


Similar Part No. - SMAJ120A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ120A LITTELFUSE-SMAJ120A Datasheet
3Mb / 146P
   TVS Diode Products
logo
DIYI Electronic Technol...
SMAJ120A DYELEC-SMAJ120A Datasheet
530Kb / 5P
   Excellent clamping capability
logo
AiT Semiconductor Inc.
SMAJ120A AITSEMI-SMAJ120A Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Jinan Gude Electronic D...
SMAJ120A JGD-SMAJ120A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ120A SOCAY-SMAJ120A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ120A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com