Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRB3-D12-S12-DIP Datasheet(PDF) 3 Page - CUI INC

Part # VRB3-D12-S12-DIP
Description  Dc-Dc Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VRB3-D12-S12-DIP Datasheet(HTML) 3 Page - CUI INC

  VRB3-D12-S12-DIP Datasheet HTML 1Page - CUI INC VRB3-D12-S12-DIP Datasheet HTML 2Page - CUI INC VRB3-D12-S12-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Rev. 12-2006
3/ 3
VRB3-DIP Series Dc-Dc Converter
Typical Characteristics
Operating Temp.(
)
C
Temperature Derating Graph
23
9 1011
2322
16 1514
2,3
9,10,11,15
14
16
22
23
GND
NC
+Vo
0V
Vin
Vin
Pin
Bottom View
23
9 10 11
23 22
1615 14
2 x 2.54
31.80
15.24
2.54
22.86
(Bottom View)
(Side View)
20.30
9.45
0.50
4.00
MP:10.5
Note: All Pins on a 2.54mm pitch; All Pin diameters are 0.50 mm(Tolerance:±0.10);
All dimensions in mm.
DC
DC
Vin
GND
Vout
0V
Cin
Input Voltage (V)
Input Voltage
Range
Ip
Outline Dimensions &
Recommended Footprint Details
Application Note
Recommended circuit
All the VRB3-DIP Series have been tested according to the following rec-
ommended testing circuit before leaving factory. This series should be
tested under load. Never be tested under no load (See Figure 1 & 2). If
you want to further decrease the input/output ripple, you can increase
capacitance properly or choose capacitors with low ESR. However, the
capacitance should not be too high.(See table 1).If you want to use the
products in high EMI, please choose our metal packaged products.
Input Current
When it is used in unregulated power supply., be sure that the fluctuating
range of the power supply and the rippled voltage do not exceed
the module standard. Input current of power supply should afford the start-
up current of this kind of DC/DC module. (See figure 2)
Pin Connections
External Capacitor
Although this series of DC/DC converter can
work without external capacitor, in order to
keep an optimum performance, however, it
needs external capacitor. (See Table 1)
Requirement on Output Load
To ensure this module operate efficiently and
reliably, a minimum load is specified for this
kind of DC/DC converter in addition to a
maximum load (namely full load). During
operation, make sure the specified range of
input voltage is not exceeded, the minimum
out put load is not less than 10% Of the full
load, and that this product should never
be operated under no load!!! If the actual
load is less below the specified minimum load.
the output ripple of this type of DC/DC con-
verter will increase drastically and at the same
time efficiency & reliability of the circuit will
decrease deeply .If the actual output power
from the load in your circuit is very small.
please connect a resistor with proper
resistance at the output end to in parallel to
increase the load, or use our company’s other
products with a lower rated output power.
The products cannot be used in parallel.
Table 1
Vin
Cin
Cout
(0+70°C)
Cout
(-40+85°C)
5V
&
12V
100uF
24V
&
48V
10uF
100uF
(electrolytic
capacitor)
47uF
(tantalum
capacitor)


Similar Part No. - VRB3-D12-S12-DIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VRB3-D12-S12-DIP CUI-VRB3-D12-S12-DIP Datasheet
307Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VRB3-D12-S12-DIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com