Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRA3-D12-D12-DIP Datasheet(PDF) 2 Page - CUI INC

Part # VRA3-D12-D12-DIP
Description  Dc-Dc Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VRA3-D12-D12-DIP Datasheet(HTML) 2 Page - CUI INC

  VRA3-D12-D12-DIP Datasheet HTML 1Page - CUI INC VRA3-D12-D12-DIP Datasheet HTML 2Page - CUI INC VRA3-D12-D12-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Rev. 11-2006
2/ 3
VRA3-DIP Series Dc-Dc Converter
Notes:
1. All specifications measured at TA=25 °C, humidity <75%, nominal input voltage and rated output load unless
otherwise specified.
2. See recommended circuits below for more details.
Applications:
The VRA3-DIP Series are specially designed for applications where wide range input voltage power supplies are
isolated from the input power supply in a distributed power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is wide range (voltage range: 2:1);
2) Where isolation is necessary between input and output (Isolation Voltage = 1500 Vdc)
3) Where the regulation of the output voltage and the output ripple noise are demanding.
Output Specifications
Item
Test conditions
Min.
Typ.
Max.
Line Regulation
Input voltage from low to high
±0.2%
±0.5%
Load Regulation
From 10% to 100% load
±0.5%
±1%
Output voltage accuracy (Vo1) 5, 9V
±1%
±3%
12, 15, 24V
±1%
±2%
Output voltage accuracy (Vo2) 5, 9V
±5%
12, 15, 24V
±2%
±3%
Temperature drift
refer to recommended circuit
0.03%/°C
Ripple
20 Hz-400 Hz Bandwidth
50 mVp-p
Noise
DC-20MHz Bandwidth
100 mVp-p
150 mVp-p
Switching frequency
100% load
100-650 KHz


Similar Part No. - VRA3-D12-D12-DIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VRA3-D12-D12-DIP CUI-VRA3-D12-D12-DIP Datasheet
307Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VRA3-D12-D12-DIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com