Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ36CA Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # SMCJ36CA
Description  1500W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMCJ36CA Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  SMCJ36CA Datasheet HTML 1Page - TAITRON Components Incorporated SMCJ36CA Datasheet HTML 2Page - TAITRON Components Incorporated SMCJ36CA Datasheet HTML 3Page - TAITRON Components Incorporated SMCJ36CA Datasheet HTML 4Page - TAITRON Components Incorporated SMCJ36CA Datasheet HTML 5Page - TAITRON Components Incorporated SMCJ36CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1500W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2008-02-25
SMCJ 5.0A - 170CA
www.taitroncomponents.com
Page 4 of 6
Fig.1- Peak Pulse Power Rating Curve
Pulse Width
td
Fig.2- Pulse Derating Curve
Ambient Temperature TA (°C)
Breakdown Voltage
@
Test Current
P/N (note3)
Device
Marking Code
Stand-
Off
Voltage
V BR
Max.
Clampi
ng
Vltg. @
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM
(V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
(note1)
ID (
μA)
(note2)
SMCJ130A
SMCJ130CA
GHK
GHK
130
144
159
209
7.2
1.0
SMCJ150A
SMCJ150CA
GHM
GHM
150
167
185
243
6.2
1.0
SMCJ160A
SMCJ160CA
GHP
GHP
160
178
197
259
5.8
1.0
SMCJ170A
SMCJ170CA
GHR
GHR
170
189
209
1.0
275
5.5
1.0
Note:
1. Surge current waveform per Fig. 3 and derate per Fig. 2
2. For Bi-directional types with VWM of 10 volts and less, the ID limit is doubled.
3. C suffix for Bidirectional use, A suffix for 5% tolerance.
Typical Characteristics Curves


Similar Part No. - SMCJ36CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ36CA MCC-SMCJ36CA Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Fairchild Semiconductor
SMCJ36CA FAIRCHILD-SMCJ36CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Jinan Jing Heng Electro...
SMCJ36CA JINGHENG-SMCJ36CA Datasheet
139Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
SMCJ36CA SECOS-SMCJ36CA Datasheet
430Kb / 4P
   1500W Peak Power Surface Mount TVS
logo
SUNMATE electronic Co.,...
SMCJ36CA SUNMATE-SMCJ36CA Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - SMCJ36CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com