Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM644FR8FU-12S Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EM644FR8FU-12S
Description  256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM644FR8FU-12S Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EM644FR8FU-12S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM644FR8FU-12S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM644FR8FU-12S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM644FR8FU-12S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM644FR8FU-12S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM644FR8FU-12S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM644FR8FU-12S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM644FR8FU-12S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM644FR8FU-12S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EM620FU8BS Series
Low Power, 256Kx8 SRAM
6
tRC
Address
CS1
CS2
OE
Data Out
tCO1,2
tOH
tOE
High-Z
tOHZ
TIMING WAVEFORM OF READ CYCLE(2) (WE = VIH)
Data Valid
tOLZ
tLZ1,2
tAA
tHZ1,2
tRC
Address
tAA
Data Valid
tOH
Previous Data Valid
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS1=OE=VIL, CS2=WE=VIH)
Data Out
TIMING DIAGRAMS
NOTES (READ CYCLE)
1. tHZ1,2 and tOHZ are defined as the outputs achieve the open circuit conditions and are not referenced to output voltage levels.
2. At any given temperature and voltage condition, tHZ1,2(Max.) is less than tLZ1,2(Min.) both for a given device and from device to
device interconnection.


Similar Part No. - EM644FR8FU-12S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM644FS16AT-10LL EMLSI-EM644FS16AT-10LL Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FS16AT-10S EMLSI-EM644FS16AT-10S Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FS16AT-70LL EMLSI-EM644FS16AT-70LL Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FS16AT-70S EMLSI-EM644FS16AT-70S Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FS16AV-10LL EMLSI-EM644FS16AV-10LL Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM644FR8FU-12S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com