Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INC2001AU1 Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # INC2001AU1
Description  SILICON NPN EPITAXIAL TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INC2001AU1 Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  INC2001AU1 Datasheet HTML 1Page - Isahaya Electronics Corporation INC2001AU1 Datasheet HTML 2Page - Isahaya Electronics Corporation INC2001AU1 Datasheet HTML 3Page - Isahaya Electronics Corporation INC2001AU1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAIN BAND WIDTH PRODUCT
VS. EMITTER CURRENT
0
20
40
60
80
100
-1
-10
-100
EMITTER CURRENT
Ta=25℃
VCE=10V
COLLECTOR OUTPUT CAPACITANCE
VS. COLLECTOR TO BASE VOLTAGE
0.1
1
10
100
0.1
1
10
100
COLLECTOR TO BASE VOLTAGE VCB(V)
Ta=25℃
DC REVERSE CURRENT GAIN VS. COLLERCTOR CURRENT
1
10
100
1000
10000
0.1
1
10
100
1000
COLLECTOR IC (mA)
Ta=25℃
VEC=5V
DC FORWARD CURRENT GAIN
VS. COLLECTOR CURRENT
1
10
100
1000
10000
0.1
1
10
100
1000
COLLECTOR CURRENT IC (mA)
Ta=25℃
VCE=5V
COLLECTOR TO EMITTER SATURATION VOLTAGE
VS. COLLECTOR CURRENT
0.1
1
10
100
1000
0.1
1
10
100
1000
COLLECTOR CURRENT IC (mA)
Ta=25℃
IC/IB=20
ON RESISTANCE VS. BASE CURRENT
0.1
1
10
100
0.01
0.1
1
10
BASE CURRENT IB (mA)
Ta=25℃
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - INC2001AU1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INC2001AU1 ISAHAYA-INC2001AU1 Datasheet
139Kb / 4P
   FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - INC2001AU1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
logo
Toshiba Semiconductor
2SC3298 TOSHIBA-2SC3298 Datasheet
109Kb / 2P
   SILICON NPN EPITAXIAL TYPE
2SC5714 TOSHIBA-2SC5714_06 Datasheet
139Kb / 5P
   Silicon NPN Epitaxial Type
logo
Guangdong Kexin Industr...
2SC2713 KEXIN-2SC2713 Datasheet
36Kb / 1P
   Silicon NPN Epitaxial Type
logo
Toshiba Semiconductor
2SC6061 TOSHIBA-2SC6061 Datasheet
205Kb / 5P
   Silicon NPN Epitaxial Type
TPC6501 TOSHIBA-TPC6501 Datasheet
175Kb / 5P
   Silicon NPN Epitaxial Type
2SC6033 TOSHIBA-2SC6033_06 Datasheet
212Kb / 5P
   Silicon NPN Epitaxial Type
2SC6075 TOSHIBA-2SC6075 Datasheet
168Kb / 5P
   Silicon NPN Epitaxial Type
logo
Isahaya Electronics Cor...
INC5003AH1 ISAHAYA-INC5003AH1 Datasheet
141Kb / 4P
   SILICON NPN EPITAXIAL TYPE
logo
Toshiba Semiconductor
BD135 TOSHIBA-BD135 Datasheet
214Kb / 3P
   SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com