Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST95022 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST95022
Description  2 Kbit Serial SPI EEPROM with High Speed Clock
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95022 Datasheet(HTML) 4 Page - STMicroelectronics

  ST95022 Datasheet HTML 1Page - STMicroelectronics ST95022 Datasheet HTML 2Page - STMicroelectronics ST95022 Datasheet HTML 3Page - STMicroelectronics ST95022 Datasheet HTML 4Page - STMicroelectronics ST95022 Datasheet HTML 5Page - STMicroelectronics ST95022 Datasheet HTML 6Page - STMicroelectronics ST95022 Datasheet HTML 7Page - STMicroelectronics ST95022 Datasheet HTML 8Page - STMicroelectronics ST95022 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OPERATIONS
All instructions, addresses and data are shifted in
and out of the chip MSB first. Data input (D) is
sampled on the first rising edge of clock (C) after
the chip select (S) goes low. Prior to any operation,
a one-byte instruction code must be entered in the
chip. This code is entered via the data input (D),
and latched on the rising edge of the clock input
(C). To enter an instruction code, the product must
have been previously selected (S = low). Table 3
shows the instruction set and format for device
operation. If an invalid instruction is sent (one not
contained in Table 3), the chip is automatically
deselected.
Write Enable (WREN) and Write Disable (WRDI)
The ST95022 contains a write enable latch. This
latch must be set prior to every WRITE or WRSR
operation. The WREN instruction will set the latch
and the WRDI instruction will reset the latch. The
latch is reset under the following conditions:
– W pin is low
– Power on
– WRDI instruction executed
– WRSR instruction executed
– WRITE instruction executed
As soon as the WREN or WRDI instruction is
received by the ST95022, the circuit executes the
instruction and enters a wait mode until it is dese-
lected.
Read Status Register (RDSR)
The RDSR instruction provides access to the status
register. The status register may be read at any
time, even during a write to the memory operation.
As soon as the 8th bit of the status register is read
out, the ST95022 enters a wait mode (data on D is
not decoded, Q is in Hi-Z) until it is deselected.
The status register format is as follows:
b7
b0
1
1
1
1
BP1
BP0
WEL
WIP
BP1, BP0: Read and write bits.
WEL, WIP: Read only bits.
b7 to b4: Read only bits.
During a write to the memory operation to the
memory array, all bits BP1, BP0, WEL, WIP are
valid and can be read. During a write to the status
register, only the bits WEL and WIP are valid and
can be read. The values of BP1 and BP0 read at
that time correspond to the previous contents of the
status register.
The Write-In-Process (WIP) read-only bit indicates
whether the ST95022 is busy with a write opera-
tion. When set to a ’1’ a write is in progress, when
set to a ’0’ no write is in progress.
The Write Enable Latch (WEL) read-only bit indi-
cates the status of the write enable latch. When set
to a ’1’ the latch is set, when set to a ’0’ the latch is
reset. The Block Protect (BP0 and BP1) bits indi-
cate the extent of the protection employed. These
bits are set by the user issuing the WRSR instruc-
tion. These bits are non-volatile.
Write Status Register (WRSR)
The WRSR instruction allows the user to select the
size of protected memory. The ST95022 is divided
into four 512 bit blocks. The user may read the
blocks but will be unable to write within the pro-
Instruction
Description
Instruction Format
WREN
Set Write Enable Latch
0000 0110
WRDI
Reset Write Enable Latch
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read Data from Memory Array
0000 0011
WRITE
Write Data to Memory Array
0000 0010
Notes: A = 1, Upper page selected
A = 0, Lower page selected
Table 3. Instruction Set
4/16
ST95022


Similar Part No. - ST95022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95020 STMICROELECTRONICS-ST95020 Datasheet
110Kb / 18P
   4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
ST95020B1TR STMICROELECTRONICS-ST95020B1TR Datasheet
110Kb / 18P
   4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
ST95020B3TR STMICROELECTRONICS-ST95020B3TR Datasheet
110Kb / 18P
   4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
ST95020B6TR STMICROELECTRONICS-ST95020B6TR Datasheet
110Kb / 18P
   4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
ST95020M1TR STMICROELECTRONICS-ST95020M1TR Datasheet
110Kb / 18P
   4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
More results

Similar Description - ST95022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040 STMICROELECTRONICS-M95040_08 Datasheet
373Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
M95040 STMICROELECTRONICS-M95040_06 Datasheet
335Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
M95040 STMICROELECTRONICS-M95040_09 Datasheet
376Kb / 43P
   4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
   32-Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
   256 Kbit Serial SPI bus EEPROM with high speed clock
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
   512 Kbit serial SPI bus EEPROM with high-speed clock
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
   16-Kbit serial SPI bus EEPROM with high-speed clock
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
   256-Kbit serial SPI bus EEPROM with high-speed clock
Rev 22 - September 2021
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
   64-Kbit serial SPI bus EEPROM with high-speed clock
Rev 19 February 2016
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
   256 Kbit serial SPI bus EEPROM with high-speed clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com