Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VQB125-D48-S1 Datasheet(PDF) 2 Page - CUI INC

Part # VQB125-D48-S1
Description  DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VQB125-D48-S1 Datasheet(HTML) 2 Page - CUI INC

  VQB125-D48-S1 Datasheet HTML 1Page - CUI INC VQB125-D48-S1 Datasheet HTML 2Page - CUI INC VQB125-D48-S1 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VQB125 series
NOTES:
1. measured from high line to low line
2. measured from full load to 1/4 load
3. suffix “N” to the model number with negative logic remote ON/OFF
module ON
<1.2 VDC
module OFF
open circuit or logic high
4. output ripple and noise is measured with 10 µF tantalum and 1 µF ceramic capacitor across output.
INPUT
input voltage range
48V:
36-75V
under voltage lockout
48 Vin power up
35 V
48 Vin power down
33 V
input filter
LC type
logic compatibility
CMOS or open collector TTL
module ON
open circuit or logic high
module OFF
<12 VDC
OUTPUT
voltage accuracy
±1.0% max.
transient response:
25% step load change
<500 µS
ripple & noise
20MHz BW
100 mV p-p max.
temperature coefficient
±0.03%/°C max.
line regulation1
single/dual
±0.2% max.
load regulation2
single/dual
±0.5% max.
over-voltage protection
115-140%
output current limit
% nom. output
110-140%
short circuit protection
continuous/hiccup
external trim adj.
±10%
GENERAL SPECIFICATIONS
efficiency
see table
isolation voltage
2250VDC min.
isolation resistance
107 Ohm min.
switching frequency
250KHz, typ.
over temperature protection
120°C typ.
operating temp. range
-40°C to 85°C
storage temp.
-40°C to 125°C
dimensions
2.3x1.45x0.36 inches
(58.4x36.8x9.2mm)
weight
50 g


Similar Part No. - VQB125-D48-S1

ManufacturerPart #DatasheetDescription
logo
CUI INC
VQB100R CUI-VQB100R Datasheet
218Kb / 4P
   DC-DC CONVERTER
VQB100R-T110-S12 CUI-VQB100R-T110-S12 Datasheet
218Kb / 4P
   DC-DC CONVERTER
VQB100R-T110-S24 CUI-VQB100R-T110-S24 Datasheet
218Kb / 4P
   DC-DC CONVERTER
VQB100R-T110-S5 CUI-VQB100R-T110-S5 Datasheet
218Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - VQB125-D48-S1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com