Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAC7.0 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # SAC7.0
Description  500W Low Capacitance Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SAC7.0 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  SAC7.0 Datasheet HTML 1Page - TAITRON Components Incorporated SAC7.0 Datasheet HTML 2Page - TAITRON Components Incorporated SAC7.0 Datasheet HTML 3Page - TAITRON Components Incorporated SAC7.0 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
500W Low Capacitance Transient Voltage Suppressor
Rev. B/AH 2007-09-26
SAC5.0 – SAC50
www.taitroncomponents.com
Page 3 of 4
Dimensions in inches (mm)
Fig.3- Pulse Waveform
T - Time (ms)
DO-15
Fig.4- AC Line Protection Application


Similar Part No. - SAC7.0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC7.0 EIC-SAC7.0 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Micro Commercial Compon...
SAC7.0 MCC-SAC7.0 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
SAC7.0 NJSEMI-SAC7.0 Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
SAC7.0 WEITRON-SAC7.0 Datasheet
101Kb / 3P
   Low Capacitance Tranient Voltage Suppressor
logo
Ruilongyuan Electronics...
SAC7.0 RUILON-SAC7.0 Datasheet
685Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SAC7.0

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SAC6.0-TP MCC-SAC6.0-TP Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com