Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM644FU16EU-10LF Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EM644FU16EU-10LF
Description  256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM644FU16EU-10LF Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM644FU16EU-10LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM644FU16EU-10LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM644FU16EU-10LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM644FU16EU-10LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM644FU16EU-10LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM644FU16EU-10LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM644FU16EU-10LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM644FU16EU-10LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM644FU16EU-10LF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EM620FU8BS Series
Low Power, 256Kx8 SRAM
9
DATA RETENTION CHARACTERISTICS
NOTES
1. See the ISB1 measurement condition of data sheet page 4.
2. Typical value is measured at TA=25oC and not 100% tested.
Parameter
Symbol
Test Condition
Min
Typ2)
Max
Unit
VCC for Data Retention
VDR
ISB1 Test Condition
(Chip Disabled) 1)
1.5
-
3.3
V
Data Retention Current
IDR
VCC=1.5V, ISB1 Test Condition
(Chip Disabled) 1)
-0.5
5.0
µA
Chip Deselect to Data Retention Time
tSDR
See data retention wave form
0-
-
ns
Operation Recovery Time
tRDR
tRC
--
tSDR
tRDR
Data Retention Mode
CS1 > Vcc-0.2V
Vcc
3.0V
2.2V
VDR
CS1
GND
tSDR
tRDR
Data Retention Mode
Vcc
3.0V
CS2
VDR
0.4V
CS2 < 0.2V
DATA RETENTION WAVE FORM
GND


Similar Part No. - EM644FU16EU-10LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM644FU16AT-10LL EMLSI-EM644FU16AT-10LL Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FU16AT-10S EMLSI-EM644FU16AT-10S Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FU16AT-70LL EMLSI-EM644FU16AT-70LL Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FU16AT-70S EMLSI-EM644FU16AT-70S Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM644FU16AV-10LL EMLSI-EM644FU16AV-10LL Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM644FU16EU-10LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com