Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2J Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # RS2J
Description  1.5A Surface Mount Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RS2J Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  RS2J Datasheet HTML 1Page - TAITRON Components Incorporated RS2J Datasheet HTML 2Page - TAITRON Components Incorporated RS2J Datasheet HTML 3Page - TAITRON Components Incorporated RS2J Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.5A Surface Mount Fast Recovery Rectifier
Rev. A/AJ
RS2A~RS2K
www.taitroncomponents.com
Page 4 of 4
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 247-2232 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - RS2J

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
RS2J CHONGQING-RS2J Datasheet
178Kb / 1P
   2.0AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
RS2J SSE-RS2J Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diotech Company.
RS2J DIOTECH-RS2J Datasheet
672Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Yint Electroni...
RS2J YINT-RS2J Datasheet
488Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Vishay Siliconix
RS2J VISHAY-RS2J Datasheet
84Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 21-Aug-13
More results

Similar Description - RS2J

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS2A DIODES-RS2A_1 Datasheet
393Kb / 3P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 9 - 2
RS2AA DIODES-RS2AA_15 Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS2JA-13-F DIODES-RS2JA-13-F Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS2AA-13 DIODES-RS2AA-13 Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS2A DIODES-RS2A Datasheet
46Kb / 2P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. E-2
RS2A DIODES-RS2A_10 Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 11 - 2
RS2J-13-F DIODES-RS2J-13-F Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sanken electric
SFPX-62 SANKEN-SFPX-62 Datasheet
18Kb / 1P
   Surface mount 1.5A Ultra-fast-recovery rectifier diode
logo
Diodes Incorporated
FR151 DIODES-FR151 Datasheet
59Kb / 2P
   1.5A FAST RECOVERY RECTIFIER
DS26006 Rev. C-3
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com