Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5996A Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # 2SC5996A
Description  SMALL-SIGNAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5996A Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  2SC5996A Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5996A Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5996A Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5996A Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAIN BAND WIDTH PRODUCT VS.
EMITTER CURRENT
10
100
-0.1
-1
-10
-100
EMITTER CURRENT
IE(mA)
Ta=25℃
VCE=6V
COLLECTOR OUTPUT CAPACITANCE
VS.COLLECTOR TO BASE VOLTAGE
1
10
100
0.1
1
10
100
COLLECTOR TO BASE VOLTAGE
VCB(V)
Ta=25℃
IE=0
f=1MHz
2SC5996 A
FOR LOW FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
〈SMALL-SIGNAL TRANSISTOR〉


Similar Part No. - 2SC5996A

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5996A ISAHAYA-2SC5996A Datasheet
76Kb / 4P
   SMALL-SIGNAL TRANSISTOR
More results

Similar Description - 2SC5996A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
   SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
   SMALL-SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com