Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-12B8SMA Datasheet(PDF) 2 Page - Advanced Photonix, Inc.

Part # PT-12B8SMA
Description  A single-output receiver module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

PT-12B8SMA Datasheet(HTML) 2 Page - Advanced Photonix, Inc.

  PT-12B8SMA Datasheet HTML 1Page - Advanced Photonix, Inc. PT-12B8SMA Datasheet HTML 2Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Picometrix, Inc. • PO Box 130243
Ann Arbor, MI • 48113-0243
734-998-4501 • 734-998-3474 fax
www.picometrix.com
Application Notes
Electrostatic discharge (ESD) will cause permanent
damage to the product. Please avoid any ESD to the
input pins or output connector. Use standard ESD
protective equipment when handling this product.
Temperature and fiber restrictions are as follows:
Lead soldering: 250ºC for no more than 10 seconds
Fiber feed-through tube: 120ºC
Fiber pull force: 10 N
Fiber bending radius: 1 inch or less
Exceeding these conditions can cause permanent
damage to the device.
Quality Vision
As a leader in ultrafast optical receivers, Picometrix
is committed to providing the highest quality
ultrafast products on the market. This quality vision
commits us to continually improving our product
designs and manufacturing processes, in order to
ensure the highest level of customer satisfaction.
The company maintains a stringent quality control
program to ensure that all products meet or
surpass customer requirements.
.520
.100 TYP.
.015
±.003 TYP.
4X #2–56
CLEARANCE SLOT
(ø.095)
.500
.354
85
14
.725
1.511
.060
.881
.235
.211
.344
Single-mode fiber
with 900
µm buffer
(1 meter typical)
PT-12B Ordering Information
Base model
PT-12B
Option format
Option/Package/Fiber diameter/Fiber connector
Option
Blank or TDC
Package option
8GPO or 8SMA
Fiber diameter options (µm)
62.5
Fiber connector options
FC or SC
Product Specifications
© 2004 Picometrix, Inc. All rights reserved. Specifications
and output data subject to change without notice.
PB-PT-12B-0404-A
Pin Description
1
NC (or DC Mon1)
2V
PD
3V
NEG
4
GND (or OffsetVoltage Input1)
1 If ordered with true DC output option
Pin Description
5
GND
6V
POS
7NC
8NC


Similar Part No. - PT-12B8SMA

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
PT-120-B-L11-EPD LUMINUS-PT-120-B-L11-EPD Datasheet
1Mb / 16P
   Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-B-L11-EPE LUMINUS-PT-120-B-L11-EPE Datasheet
1Mb / 16P
   Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-B-L11-EPF LUMINUS-PT-120-B-L11-EPF Datasheet
1Mb / 16P
   Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-B-L11-EPG LUMINUS-PT-120-B-L11-EPG Datasheet
1Mb / 16P
   Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-G-L11-MPK LUMINUS-PT-120-G-L11-MPK Datasheet
1Mb / 16P
   Luminus LED Thermally Enhanced LED Projection Chipset
More results

Similar Description - PT-12B8SMA

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PT-10B ADVANCEDPHOTONIX-PT-10B Datasheet
147Kb / 2P
   A single-output receiver module
PT-12A ADVANCEDPHOTONIX-PT-12A Datasheet
175Kb / 2P
   A -18 dBm sensitivity, single-output receiver module
PT-10A ADVANCEDPHOTONIX-PT-10A Datasheet
148Kb / 2P
   A -19 dBm sensitivity, single-output receiver module
PT-15SFA ADVANCEDPHOTONIX-PT-15SFA Datasheet
299Kb / 2P
   A -16 dBm sensitivity, differential-output receiver module
PT-10E ADVANCEDPHOTONIX-PT-10E Datasheet
57Kb / 2P
   A -20 dBm sensitivity receiver module
PA-10A ADVANCEDPHOTONIX-PA-10A Datasheet
174Kb / 2P
   A -18 dBm sensitivity receiver module
logo
List of Unclassifed Man...
RDA5807 ETC1-RDA5807 Datasheet
284Kb / 2P
   RDA5807 SINGLE-CHIP FM RECEIVER MODULE
logo
AUK corp
SRM356VF AUK-SRM356VF Datasheet
59Kb / 5P
   Receiver Module
logo
List of Unclassifed Man...
L51ROPT1D1 ETC1-L51ROPT1D1 Datasheet
1Mb / 14P
   RECEIVER MODULE
RWS-PO929 ETC2-RWS-PO929 Datasheet
606Kb / 2P
   Receiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com