Part Name
         Description
PT-12A

 A -18 dBm sensitivity, single-output receiver module ( 2 Page)


ADVANCEDPHOTONIX
100% 
Zoom Out Zoom In
   
 2 page
background image
Picometrix, LLC. • 2925 Boardwalk
Ann Arbor, MI • 48104
734-864-5600 • 734-998-3474 fax
www.picometrix.com
Application Notes
Electrostatic discharge (ESD) will cause permanent
damage to the product. Please avoid any ESD to the
input pins or output connector. Use standard ESD
protective equipment when handling this product.
Temperature and fiber restrictions are as follows:
Lead soldering: 250°C for no more than 10 seconds
Fiber feed-through tube: 120°C
Fiber pull force: 10 N
Fiber bending radius: 1 inch or less
Exceeding these conditions can cause permanent
damage to the device.
Quality Vision
As a leader in ultrafast optical receivers, Picometrix
is committed to providing the highest quality
ultrafast products on the market. This quality vision
commits us to continually improving our product
designs and manufacturing processes, in order to
ensure the highest level of customer satisfaction.
The company maintains a stringent quality control
program to ensure that all products meet or
surpass customer requirements.
.520
.100 TYP.
.015
±.003 TYP.
4X #2–56
CLEARANCE SLOT
(ø.095)
.500
.354
.725
1.334
.060
.881
1.035
.251
.229
.407
Single-mode fiber
with 900
µm buffer
(1 meter typical)
85
14
Pin Description
1
NC (or DC Mon1)
2V
PD
3V
NEG
4
GND (or OffsetVoltage Input1)
1 If ordered with true DC output option
Pin Description
5
GND
6V
POS
7NC
8NC
PT-12A Ordering Information
Base model
PT-12A
Option format
Option/Package/Fiber connector
Option
Blank or TDC
Package options
8SMA or 8GPO
Fiber connector options
FC or SC
Product Specifications
© 2005 Picometrix, LLC. All rights reserved. Specifications
and output data subject to change without notice.
PB-PT-12A-0105-A



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PT-15SFAA -16 dBm sensitivity differential-output receiver module 1 2 Advanced Photonix, Inc.
PT-12BA single-output receiver module 1 2 Advanced Photonix, Inc.
PDA-1500-FAInGaAs PIN Photodiode Module for CATV Receiver 1 2 Optoway Technology Inc
GXB5205Antenna Embedded GPS Receiver Module 1 2 3 4 5 MoreSony Corporation
BRM-1030Infrared Remote-control receiver Module 1 2 3 4 5 MoreBRIGHT LED ELECTRONICS CORP
GPS-41UMFast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module 1 2 3 4 5 Morerfsolutions.ltd
IRM-2638S18-PInfrared Remote-control Receiver Module 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
IRM-2733-EInfrared Remote-control Receiver Module 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
IRM-3638F4Infrared Remote-control Receiver Module 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
IRM-8602S-5Infrared Remote-control Receiver Module 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl