Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-15SFA Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part # PT-15SFA
Description  A -16 dBm sensitivity, differential-output receiver module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

PT-15SFA Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  PT-15SFA Datasheet HTML 1Page - Advanced Photonix, Inc. PT-15SFA Datasheet HTML 2Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PT-15SFA
• PIN/TIA receiver module
• High data rate, up to 15 Gb/s
• High sensitivity, -16.5 dBm
• 1200–1650 nm wavelength range
• AC or DC coupled
• MSA 17-pin package
The PT-15SFA is a -16 dBm sensitivity,
differential-output receiver module for
OC-192 / STM-64 transmission system
receive applications up to 15 Gb/s,
providing overhead room for Forward
Error Correction algorithms.
It couples a high responsivity (0.7 A/W),
back-illuminated PIN photodiode,
usable from 1200 nm to 1650 nm, with a
transimpedance gain stage of 850 Ω. This
combination produces a receiver with a
12.3 GHz bandwidth and conversion gain
of 700 V/W.
The differential-output module is
offered in a 17-pin MSA package with
single-mode fiber input and the output
is available either AC- or DC-coupled.
The receiver meets Telcordia GR-468
qualification standards.
Specifications
Minimum
Typical Maximum Units
Wavelength range
1200
1650
nm
Bandwidth (-3dB electrical)
11.8
12.3
GHz
Low frequency cutoff1
30
kHz
Sensitivity2
-16.5
-15.5
dBm
Overload
+3
dBm
Responsivity @ 1550 nm
0.7
0.75
A/W
Conversion gain (differential)
550
700
V/W
Output Return Loss (< 15 GHz)
-10
dB
Optical Return Loss
-30
dB
Power dissipation
0.27
W
DC Electrical
Photodiode voltage
+5
+6
+7
V
Amplifier voltage
+3.1
+3.3
+3.5
V
Mechanical
Package type
17-pin surface mount
Operating temperature
-5
+75
°C
Storage temperature
-40
+85
°C
1
With AC-coupled version
2
10 -12 BER, PRBS 231-1, 12.5 Gb/s
Product Bulletin (Preliminary) • June 2007


Similar Part No. - PT-15SFA

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
PT-1507 SOBERTON-PT-1507 Datasheet
99Kb / 1P
   Washable Reflow Type (SMD)
PT-1507 SOBERTON-PT-1507 Datasheet
230Kb / 1P
   Washable Reflow Type
PT-1507 SOBERTON-PT-1507_17 Datasheet
230Kb / 1P
   Washable Reflow Type
logo
Mallory Sonalert Produc...
PT-1520PQ MSPI-PT-1520PQ Datasheet
105Kb / 1P
   Resonant Frequency (Hz) 2000 짹 500
logo
List of Unclassifed Man...
PT-1540P ETC2-PT-1540P Datasheet
97Kb / 1P
   PT-1540P
More results

Similar Description - PT-15SFA

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PT-12A ADVANCEDPHOTONIX-PT-12A Datasheet
175Kb / 2P
   A -18 dBm sensitivity, single-output receiver module
PT-10A ADVANCEDPHOTONIX-PT-10A Datasheet
148Kb / 2P
   A -19 dBm sensitivity, single-output receiver module
PT-10E ADVANCEDPHOTONIX-PT-10E Datasheet
57Kb / 2P
   A -20 dBm sensitivity receiver module
PA-10A ADVANCEDPHOTONIX-PA-10A Datasheet
174Kb / 2P
   A -18 dBm sensitivity receiver module
PT-12B ADVANCEDPHOTONIX-PT-12B Datasheet
85Kb / 2P
   A single-output receiver module
PT-10B ADVANCEDPHOTONIX-PT-10B Datasheet
147Kb / 2P
   A single-output receiver module
logo
List of Unclassifed Man...
RWS-371-3 ETC2-RWS-371-3 Datasheet
262Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-3 ETC2-RWS-375-3 Datasheet
263Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-4 ETC2-RWS-375-4 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-6 ETC2-RWS-375-6 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com