Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VAT2-S12-D15-SMT Datasheet(PDF) 1 Page - CUI INC

Part # VAT2-S12-D15-SMT
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAT2-S12-D15-SMT Datasheet(HTML) 1 Page - CUI INC

  VAT2-S12-D15-SMT Datasheet HTML 1Page - CUI INC VAT2-S12-D15-SMT Datasheet HTML 2Page - CUI INC VAT2-S12-D15-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VAT2-SMT Series DC-DC Converter
1/ 3
Rev. 12-2006
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Features
·Isolated 2 W output
·Temperature range: -40°C~+85°C
·Unregulated
·High efficiency to 85%
·Dual voltage output
·Small footprint
·SMT package style
·Industry standard pinout
·UL94-V0 package
·No heatsink required
·1K VDC isolation
·High power density
·No external component required
Model
Input Voltage
Output
Output Current
Package
Number
Nominal
Range
Voltage
Max.
Min.
Efficiency
Style
VAT2-S5-D5-SMT
5 Vdc
4.5~5.5 Vdc
±5 Vdc
±200 mA
±10 mA
82%
SMT
VAT2-S5-D9-SMT
5 Vdc
4.5~5.5 Vdc
±9 Vdc
±111 mA
±11 mA
83%
SMT
VAT2-S5-D12-SMT
5 Vdc
4.5~5.5 Vdc
±12 Vdc
±83 mA
±8 mA
84%
SMT
VAT2-S12-D5-SMT
12 Vdc
10.8~13.2 Vdc
±5 Vdc
±200 mA
±10 mA
83%
SMT
VAT2-S12-D9-SMT
12 Vdc
10.8~13.2 Vdc
±9 Vdc
±111 mA
±11 mA
84%
SMT
VAT2-S12-D12-SMT
12 Vdc
10.8~13.2 Vdc
±12 Vdc
±83 mA
±8 mA
84%
SMT
VAT2-S12-D15-SMT
12 Vdc
10.8~13.2 Vdc
±15 Vdc
±67 mA
±6 mA
85%
SMT
Description
Designed to convert fixed volt-
ages into an isolated voltage, the
VAT2-SMT series is well suited for
providing board-mount local sup-
plies in a wide range of applica-
tions, including mixed analog/digi-
tal circuits, test & measurement
equip., process/machine controls,
datacom/telecom fields, etc...
The semi-regulated output can be
followed by 3-terminal regulators
to provide output protection, in
addition to output regulation.
Output Specifications
Item
Test conditions
Min.
Typ.
Max.
Units
Output power
0.2
2
W
Line Regulation
For Vin change of 1%
1.2
%
Load Regulation
10% to 100% full load (5V output)
10
15
%
10% to 100% full load (9V output)
6.5
15
%
10% to 100% full load (12V output)
6.0
15
%
10% to 100% full load (15V output)
6.0
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% load
0.03
%/°C
Output ripple
20 MHz Bandwidth
100
200
mVp-p
Switching frequency
Full load, nominal input
100
KHz
Note:
1. All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless
otherwise specified.


Similar Part No. - VAT2-S12-D15-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VAT2-S12-D15-SMT CUI-VAT2-S12-D15-SMT Datasheet
283Kb / 3P
   dc-dc converter
VAT2-S12-D15-SMT CUI-VAT2-S12-D15-SMT Datasheet
210Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VAT2-S12-D15-SMT

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com