Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VABD3-D12-S5 Datasheet(PDF) 2 Page - CUI INC

Part # VABD3-D12-S5
Description  DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VABD3-D12-S5 Datasheet(HTML) 2 Page - CUI INC

  VABD3-D12-S5 Datasheet HTML 1Page - CUI INC VABD3-D12-S5 Datasheet HTML 2Page - CUI INC VABD3-D12-S5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VABD3 series
INPUT
input voltage range
12V
9-18V
24V
18-36
48V
36-72
input filter
Pi Type
OUTPUT
voltage accuracy
±2.0% max.
voltage balance (dual)
±1.0% max.
temperature coefficient
±0.05% / °C max.
ripple and noise, 20MHz BW
3.3V / 5V
100mV p-p max.
12V / 15V
1% p-p max.
short circuit protection
continuous
line regulation
single/dual1
±0.5%
load regulation
single2
±0.5%
dual3
±1.0%
GENERAL SPECIFICATIONS
efficiency
see table
isolation resistance
109 Ohms
switching frequency
100kHz min.
isolation resistance
109Ohms
operating temperature range
-25°C to +71°C
storage temperature
-40°C to +100°C
case Temp.(plastic case)
95°Cmax.
(copper case)
100°Cmax.
cooling
free air convection
EMI/RFI
conductive EMI Meet EN55022 Class B
dimensions
1.25x0.8x0.5 inches
(31.8x20.3x12.7mm)
ISOLATION VOLTAGE
500 VDC min
standard models
1.5K VDC mon
suffix HM” models
3K VDC min4
suffix “H” models
CASE MATERIAL
standard models
non-conductive black plastic
suffix “M” models5
black coated copper with
non-conductive base
NOTES:
1. measured from high line to low line
2. measured from full load to 10% load
3. measured from full load to 1/4 load
4. non-conductive black plastic only
5. suffix “-1” to the model number with
remote on/off for “H”/”HM” versions only


Similar Part No. - VABD3-D12-S5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VABD6 CUI-VABD6 Datasheet
268Kb / 3P
   DC/DC converter
VABD6-D12-D12 CUI-VABD6-D12-D12 Datasheet
268Kb / 3P
   DC/DC converter
VABD6-D12-D15 CUI-VABD6-D12-D15 Datasheet
268Kb / 3P
   DC/DC converter
VABD6-D12-D5 CUI-VABD6-D12-D5 Datasheet
268Kb / 3P
   DC/DC converter
VABD6-D12-S12 CUI-VABD6-D12-S12 Datasheet
268Kb / 3P
   DC/DC converter
More results

Similar Description - VABD3-D12-S5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com